Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FM2C Datasheet(PDF) 116 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 116 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 112Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 113Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 114Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 115Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 116Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 117Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 118Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 119Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 120Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 171 page
background image
Rev. 1.10
116
�a� �0� �01�
Rev. 1.10
117
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Hall Sensor Decoder Register Description
TheHDCRregisteristheHallSensorDecodercontrolregister,HDCDistheHallSensorDecoder
inputdataregister,andHDCT0~HDCT11aretheHallSensorDecodertables.TheHCHK_NUM
registeristheHallNoiseFilterchecknumberregisterandHNF_MSEListheHallNoiseFilter
Modeselectregister
HDCR Register
Bit
7
6
5
4
3
2
1
0
Name
CT�_SEL1 CT�_SEL0 HDLY_�SEL
HALS
HD�S
BRKE
FRS
HDCEN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
1
0
0
0
0
Bit 7~6
CTM_SEL1~CTM_SEL0:
CTMTimerselectoftheHallDelayCircuit
00:TM5(16-bitCTM)
01:TM0(10-bitCTM)
10:TM1(10-bitCTM)
11:Unused
Bit 5
HDLY_MSEL:
HallDelayCircuitselect
0:Selectoriginalpath
1:SelectHallDelayCircuit
Bit 4
HALS:
HallSensorDecoderModeselect
0:HallSensor60degree
1:HallSensor120degree
Bit 3
HDMS:
HallSensorDecoderModeselect
0:S/WMode
1:HallSensorMode
Bit 2
BRKE:
motorbrakecontrol
0:GAT/GBT/GCT/GAB/GBB/GCB=V
1:GAT/GBT/GCT=0,GAB/GBB/GCB=1
Bit 1
FRS:
MotorForward/Backwardselect
0:Forward
1:Backward
Bit 0
HDCEN:
HallSensorDecoderenable
0:Disable
1:Enable
HDCD Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
SHC
SHB
SHA
R/W
—
—
—
—
—
R/W
R/W
R/W
POR
—
—
—
—
—
0
0
0
Bit7~3
Unimplemented,readas"0"
Bit 2
SHC:
S/WHallC
Bit 1
SHB:
S/WHallB
Bit 0
SHA:
S/WHallA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com