Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FM2C Datasheet(PDF) 112 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 112 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 108Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 109Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 110Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 111Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 112Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 113Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 114Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 115Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 116Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 171 page
background image
Rev. 1.10
11�
�a� �0� �01�
Rev. 1.10
11�
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Hall Sensor Noise Filter
ThisdeviceincludesaHallNoiseFilterfunctiontofilterouttheeffectsofnoisegeneratedbythe
largeswitchingcurrentsofthemotordriver.ThisgeneratednoisemayaffecttheHallSensorinputs
(HA/HB/HC),whichinturnmayresultinincorrectHallSensoroutputdecoding.
Severalregistersareusedtocontrolthenoisefilter.TheHNF_ENbitintheHNF_MSELregisteris
usedastheoverallenable/disablebitforthenoisefilter.
HNF_EN bit
Status
0
Noise Filter Off – HA/HB/HC not used
1
Noise Filter On
Hall Sensor Noise Filter Enable
ThesamplingfrequencyoftheHallnoisefilterissetupusingtheHFR_SEL[3:0]bits.
TheHCK_NUM[4:0]bitsareusedtosetuptheHallSensorinputcomparenumbers.
HCK_NUM[4:0]×Samplingspace=Anti-noiseability=HallDelay-Time.
ItshouldbenotedthatlongerHalldelaytimeswillresultinhigherrotorspeedfeedbacksignal
distortion.
Hall Sensor Delay Function
TheHallsensorfunctioninthedeviceincludesaHalldelayfunctionwhichcanimplementasignal
phaseforwardorphasebackwardoperation.Thefollowingsteps,whichshouldbeexecutedbefore
theHallDecoderisenabled,showhowthisfunctionisactivated.
• Step 1
SettheHallDecodetabletoselecteitherthephaseforwardorphasebackwardfunction.
• Step 2
SelectwhichCTMisusedtogeneratetheDelayTimeandsettheselectedCTMtoruninthe
CompareMatchModebyprogrammingtheCTM_SEL1~CTM_SEL0bits.
• Step 3
UsetheHDLY_MSELbittoselecttheHallDelaycircuitoperatingmode.Thedefaultvalueof
HDLY_MSELiszerowhichwilldisabletheHallDelaycircuit.IftheHDLY_MSELbitissethigh,
thentheHallDelaycircuitwillbeenabled.
• Step 4
EnabletheHallDecoderusingtheHDCENbit.
ThefollowingpointsshouldbenotedregardingtheHDLY_MSELbit.
♦
Whenthisbitislow,BUF1[2:0]andBUF2[2:0]willbeclearedtozero.
♦
Whenthisbitislow,TM0/TM1/TM5retaintheiroriginalTMfunctions.
♦
Whenthebitishigh,theCTMwhichisselectedbytheDelayfunctionwillbededicatedfor
usebytheHallDelaycircuit.
TheoriginalTMfunctionswillstillremainactiveexceptfortheTnONbitwhichwillbecontrolled
automaticallybythehardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com