Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FM2C Datasheet(PDF) 111 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 111 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 107Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 108Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 109Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 110Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 111Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 112Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 113Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 114Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 115Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 171 page
background image
Rev. 1.10
110
�a� �0� �01�
Rev. 1.10
111
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Polarity Function
ThisfunctionallowssetupoftheexternalgatedrivetransistorOn/Offpolaritystatus.Asingle
register,PLC,isusedforoverallcontrol.
PLC Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
PCBC
PCTC
PBBC
PBTC
PABC
PATC
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit7~6
Unimplemented,readas"0"
Bit 5
PCBC:
CpairBottomportGateoutputinversecontrol
Bit 4
PCTC:
CpairTopportGateoutputinversecontrol
Bit 3
PBBC:
BpairBottomportGateoutputinversecontrol
Bit 2
PBTC:
BpairTopportGateoutputinversecontrol
Bit 1
PABC:
ApairBottomportGateoutputinversecontrol
Bit 0
PATC:
ApairTopportGateoutputinversecontrol
Bit Value
Status
0
Output not inverted
1
Output inverted
PLC Register Values
NotethatthedefaultoutputpinGAT/GAB/GBT/GBB/GCT/GCBstatusishighimpedance.
Hall Sensor Decoder
ThisdevicecontainsafullyintegratedHallSensordecoderfunctionwhichinterfacestotheHall
SensorsintheBLDCmotorfordirectionalandspeedcontrol.
Hall Sensor Dcoder
12x6 Regsietr
HDCD
HC
HB
HA
SHA
SHB
SHC
SA
SB
SC
HDMS
HDCR
FRS
BRKE
HAT
HAB
HBT
HBB
HCT
HCB
Mask
AT0
AB0
BT0
BB0
CT0
CB0
0
1
HDCEN
PWMO
PWMB
BRKE
PROTECT
Hall
Noise Filter
Hall
Delay
CKT
HCHK_NUM
HNF_MSEL
CTM-Int x3
HDLY_MSEL
CTM_SEL[1:0]
Hall Sensor Decoder Block Diagram
TheHallSensorinputsignalsareselectedbysettingtheHDMSbithigh.IftheHDMSbitiszero
thenSHA/SHB/SHCwillbeusedinsteadoftheactualHallSensorsignals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com