Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FM2C Datasheet(PDF) 108 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 108 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 104Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 105Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 106Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 107Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 108Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 109Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 110Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 111Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 112Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 171 page
background image
Rev. 1.10
108
�a� �0� �01�
Rev. 1.10
109
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Register Description
ThedevicehastworegistersconnectedwiththeMaskFunctioncontrol.ThesearetheMCFregister
whichisusedforcontrolandtheMCDregisterwhichisusedtoreadthestatusofthegatedriver
outputs.
MCF Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
�PW�S
�PWE
F�OS
PW�S
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
0
1
0
0
Bit7~4
Unimplemented,readas"0"
Bit 3
MPWMS:
MaskPWMModeselect
0:Complementary
1:Non-complementary
Bit 2
MPWE:
PWMoutputcontrol
0:PWMoutputdisable(AT0/BT0/CT0/AB0/BB0/CB0cannotoutputPWM)
1:PWMoutputenable(AT0/BT0/CT0/AB0/BB0/CB0canoutputPWMtocontrol
speed)
Bit 1
FMOS:
FaultMaskoutputselect
0:AT0/BT0/CT0=0,AB0/BB0/CB0=0
1:AT0/BT0/CT0=0,AB0/BB0/CB0=1
Bit 0
PWMS:
Topport/BottomportPWMselect
0:SelectBottomportPWMoutput
1:SelectTopportPWMoutput



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com