Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FM2C Datasheet(PDF) 110 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 110 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 106Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 107Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 108Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 109Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 110Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 111Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 112Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 113Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 114Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 171 page
background image
Rev. 1.10
110
�a� �0� �01�
Rev. 1.10
111
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
.
AT0,AB0,BT0,BB0,CT0,CB0
Dead-Time
Insertion
Dead-Time
Insertion
Dead-Time
Insertion
Dead-Time Insertion
1.Rising Add Dead-Time Insertion
2.Falling Unchange
AT1,AB1,BT1,BB1,CT1,CB1
Dead Time Insertion Timing
Asingleregister,DTS,isdedicatedforusebytheDeadTimefunction.
DTS Register
Bit
7
6
5
4
3
2
1
0
Name
DTCKS1
DTCKS0
DTE
D4
D�
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~6
DTCKS1, DTCKS0
:Dead-Timeclocksourceselection
00: fDTisfSYS,fSYSbasedon20MHz
01: fDTisfSYS/2
10: fDTisfSYS/4
11: fDTisfSYS/8
Bit 5
DTE:
Dead-TimeEnable
0:Dead-Time=0
1:Dead-Time=(DTS[4:0]+1)/fDT
Bit 4~0
D4~D0:
Dead-TimeRegisterbit4~bit0
Dead-Timecounter.5-bitDead-TimevaluebitsforDead-TimeUnit.
Dead-Time=(DTS[4:0]+1)/fDT
Staggered Function
TheStaggeredFunctionisusedtoforcealloutputdrivetransistorstoanoffconditionwhena
softwareerroroccursorduetoexternalfactorssuchasESD.
AT1
AB1
AT2
AB2
0
0
0
0
0
1
0
1
1
0
1
0
1
1
0
0
ThedefaultconditionfortheBLDCmotorcontrolcircuitisdesignedfordefaultN-typetransistor
pairs.Thismeansa“1”valuewillswitchthetransistoronanda“0”valuewillswitchitoff.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com