Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM1811A Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 31Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 32Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 33Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 34Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 35Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 36Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 37Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 38Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
35
DIGITAL AUDIO INTERFACE - TDM MODE
When TDM operation is used on the ADCDATn pins, it is important that two devices do not attempt to
drive the ADCDATn pin simultaneously. To support this requirement, the ADCDATn pins can be
configured to be tri-stated when not outputting data.
The timing of the ADCDATn tri-stating at the start and end of the data transmission is described in
Figure 5 below.
BCLK
ADCDAT
ADCDAT set-up time
ADCDAT release time
ADCDAT undriven (tri-state)
ADCDAT valid (CODEC output)
ADCDAT valid
ADCDAT undriven (tri-state)
Figure 5 Audio Interface Timing- TDM Mode
Test Conditions
The following timing information is valid across the full range of recommended operating conditions.
PARAMETER
MIN
TYP
MAX
UNIT
TDM Timing - Master Mode
ADCDATsetup time from BCLKfalling edge
0
ns
ADCDATrelease time from BCLKfalling edge
15
ns
TDM Timing - Slave Mode
ADCDAT setup time from BCLK falling edge
5
ns
ADCDAT release time from BCLK falling edge
32
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com