Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM1811A Datasheet(PDF) 95 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 95 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 91Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 92Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 93Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 94Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 95Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 96Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 97Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 98Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 99Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
95
AIF2 - INPUT PATH NOISE GATE CONTROL
The WM1811A provides a digital noise gate function for the AIF2 input paths. The noise gate ensures
best noise performance when the signal path is idle. When the noise gate is enabled, and the signal
level is below the noise gate threshold, then the noise gate is activated, causing the signal path to be
muted.
The AIF2 input path noise gate is enabled using the AIF2DAC_NG_ENA register.
The noise gate threshold (the signal level below which the noise gate is activated) is set using
AIF2DAC_NG_THR.
To prevent erroneous triggering, a time delay is applied before the gate is activated; the signal path is
only muted when the signal level stays below the threshold for longer than ‘hold time’, determined by
the AIF2DAC_NG_HLD register.
When the noise gate is activated, the WM1811A gradually attenuates the AIF2 input signal paths until
each is entirely muted. When the signal level increases, and the noise gate is de-activated, the gain
will return to the AIF2DACL_VOL and AIF2DACR_VOL digital gain settings. The un-mute behaviour
can be immediate or gradual; this is determined by the AIF2DAC_MUTERATE and
AIF2DAC_UNMUTE_RAMP registers described in Table 47.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1328 (0530h)
AIF2 DAC
Noise Gate
6:5
AIF2DAC_
NG_HLD
[1:0]
11
AIF2DAC input path Noise Gate Hold Time
(delay before noise gate is activated)
00 = 30ms
01 = 125ms
10 = 250ms
11 = 500ms
3:1
AIF2DAC_
NG_THR
[2:0]
100
AIF2DAC input path Noise Gate Threshold
000 = -60dB
001 = -66dB
010 = -72dB
011 = -78dB
100 = -84dB
101 = -90dB
110 = -96dB
111 = -102dB
0
AIF2DAC_
NG_ENA
0
AIF2DAC input path Noise Gate Enable
0 = Disabled
1 = Enabled
Table 48 AIF2 Input Path Noise Gate Control
AIF2- INPUT PATH MONO MIX CONTROL
A digital mono mix can be selected on theAIF2input channels. The mono mix is generated as the sum
of the Left and Right AIF channel data. When the mono mix function is enabled, the combined mono
signal is applied to the Left channel and the Right channel of the AIF2 signal processing and digital
mixing paths. To prevent clipping, 6dB attenuation is applied to the mono mix.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1312(0520h)
AIF2DAC
Filters (1)
7
AIF2DAC_
MONO
0
AIF2DAC input path Mono Mix Control
0 = Disabled
1 = Enabled
Table 49 AIF2 Input Path Mono Mix Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com