Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM1811A Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 60Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 61Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 62Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 63Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 64Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 65Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 66Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 67Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
64
DIGITAL VOLUME (DAC AND AIF2 OUTPUT PATHS)
The volume level of each DAC output mixer path and each AIF2 output mixer path can be controlled
digitally over a range from -71.625dB to +12dBin 0.375dB steps. The level of attenuation for an eight-
bit code X is given by:
0.375
 (X-192) dB for 1  X 224;
MUTE for X = 0;
12dB to 224
 X  255
Each of the digital output mixer paths can be muted using the soft mute control bits described inTable
21. The WM1811A always applies a soft mute, where the volume is decreased gradually. The un-
mute behaviour is configurable, as described in the “Digital Volume Soft Mute and Soft Un-Mute”
section.
The DAC1_VU and AIF2TX_VU bits control the loading of digital volume control data. When
DAC1_VU is set to 0, the DAC1L_VOL or DAC1R_VOL control data will be loaded into the respective
control register, but will not actually change the digital gain setting. Both left and right gain settings are
updated when a 1 is written to DAC1_VU. This makes it possible to update the gain of both channels
simultaneously. A similar function for AIF2TXL and AIF2TXR is controlled by the AIF2TX_VU register
bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1552 (0610h)
DAC1 Left
Volume
9
DAC1L_MU
TE
1
DAC1L Soft Mute Control
0 = DAC Un-mute
1 = DAC Mute
8
DAC1_VU
N/A
DAC1L and DAC1R Volume Update
Writing a 1 to this bit will cause the
DAC1L and DAC1R volume to be
updated simultaneously
7:0
DAC1L_VO
L [7:0]
C0h
(0dB)
DAC1L Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
… (0.375dB steps)
E0h = 12dB
FFh = 12dB
(See Table 22for volume range)
R1553 (0611h)
DAC1 Right
Volume
9
DAC1R_MU
TE
1
DAC1R Soft Mute Control
0 = DAC Un-mute
1 = DAC Mute
8
DAC1_VU
N/A
DAC1L and DAC1R Volume Update
Writing a 1 to this bit will cause the
DAC1L and DAC1R volume to be
updated simultaneously
7:0
DAC1R_VO
L [7:0]
C0h
(0dB)
DAC1R Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
… (0.375dB steps)
E0h = 12dB
FFh = 12dB
(See Table 22for volume range)
R1554 (0612h)
AIF2TX Left
Volume
9
AIF2TXL_M
UTE
1
AIF2 Tx (Left) Soft Mute Control
0 = Un-mute
1 = Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com