Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM1811A Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 22Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 23Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 24Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 25Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 26Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 27Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 28Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 29Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
26
MICROPHONE BIAS CHARACTERISTICS
Test Conditions
AVDD1=3.0V (powered from LDO1), DCVDD=1.05V (powered from LDO2),
AVDD2=DBVDD1=DBVDD2=DBVDD3=CPVDD=1.8V, LDO1VDD=SPKVDD1=SPKVDD2=5V,
DGND=AGND=CPGND=SPKGND1=SPKGND2=HP2GND=0V, TA = +25
oC, unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Microphone Bias (MICBIAS1 and MICBIAS2)
Note - No capacitor on MICBIASn
Note - In regulator mode, it is required that AVDD1 - VMICBIASn> 200mV
H2
Bias Voltage
Regulator mode (MICBn_MODE=0)
Load current ≤ 1.0mA
MICBn_LVL = 000
-5%
1.5
+5%
V
MICBn_LVL = 001
-5%
1.8
+5%
MICBn_LVL = 010
-5%
1.9
+5%
MICBn_LVL = 011
-5%
2.0
+5%
MICBn_LVL = 100
-5%
2.2
+5%
MICBn_LVL = 101
-5%
2.4
+5%
MICBn_LVL = 110
-5%
2.5
+5%
MICBn_LVL = 111
-5%
2.6
+5%
Bias Voltage
Bypass mode (MICBn_MODE=1)
Load current ≤ 3.6mA
AVDD1 -
80mV
AVDD1
V
H3
Bias Current
Regulator mode
(MICBn_MODE=0)
2.4
mA
Bypass mode
(MICBn_MODE=1)
3.6
H4
Output Noise Density
Regulator mode
(MICBn_MODE=0),
MICBn_LVL = 100,
Load current = 1mA,
Measured at 1kHz
60
nV/
Hz
H5
Integrated Noise Voltage
Regulator mode
(MICBn_MODE=0),
MICBn_LVL = 100,
Load current = 1mA,
100Hz to 7kHz, A-weighted
4.5
µVRMS
H6
PSRR (AVDD1)
100mV (pk-pk) 217Hz
MICBn_LVL = 000
79
dB
MICBn_LVL = 001
73
MICBn_LVL = 010
71
MICBn_LVL = 011
70
MICBn_LVL = 100
68
MICBn_LVL = 101
65
MICBn_LVL = 110
62
MICBn_LVL = 111
62
PSRR (AVDD2, CPVDD, DBVDDn)
100mV (pk-pk) 217Hz
MICBn_LVL = 000
95
dB
MICBn_LVL = 001
95
MICBn_LVL = 010
95
MICBn_LVL = 011
97
MICBn_LVL = 100
95
MICBn_LVL = 101
95
MICBn_LVL = 110
94
MICBn_LVL = 111
92
Load capacitance
Regulator mode
(MICBn_MODE=0)
50
pF
Output discharge resistance
MICBn_ENA=0,
MICBn_DISCH=1
20
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com