Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM1811A Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 36Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 37Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 38Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 39Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 40Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 41Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 42Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 43Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
40
MICROPHONE INPUTS
Up to four analogue microphones can be connected to the WM1811A, either in single-ended or
differential mode. A dedicated PGA is provided for each microphone input. Two low noise microphone
bias circuits are provided, reducing the need for external components.
For single-ended microphone inputs, the microphone signal is connected to the inverting input of the
PGAs (IN1LN, IN2LN, IN1RN or IN2RN). The non-inverting inputs of the PGAs are internally
connected to VMID in this configuration. The non-inverting input pins IN1LP, IN2LP, IN1RP and
IN2RP are free to be used as line connections to the input or output mixers in this configuration.
For differential microphone inputs, the non-inverted microphone signal is connected to the non-
inverting input of the PGAs (IN1LP, IN2LP, IN1RP or IN2RP), whilst the inverted (or ‘noisy ground’)
signal is connected to the inverting input pins (IN1LN, IN2LN, IN1RN and IN2RN).
The gain of the input PGAs is controlled via register settings, as defined in Table 4. Note that the input
impedance of both inverting and non-inverting inputs changes with the input PGA gain setting, as
described under “Electrical Characteristics”.See also the “Applications Information” for details of input
resistance at all PGA Gain settings.
The microphone input configurations are illustrated in Figure 8 and Figure 9. Note that any PGA input
pin that is used in either microphone configuration is not available for use as a line input path at the
same time.
MIC
GND
To
input
mixers
PGA
VMID
MICBIAS
IN1LN,
IN2LN,
IN1RN,
IN2RN
IN1LP,
IN2LP,
IN1RP,
IN2RP
Figure 8 Single-Ended Microphone Input
Figure 9 Differential Microphone Input
MICROPHONE BIAS CONTROL
There are two MICBIAS generators which provide low noise reference voltages suitable for powering
silicon (MEMS) microphones or biasing electret condenser (ECM) type microphones via an external
resistor. Refer to the “Applications Information” section for recommended external components.
The MICBIAS outputs can be independently enabled using the MICB1_ENA and MICB2_ENA register
bits. Under default conditions, a smooth pop-free profile of the MICBIAS outputs is implemented when
MICB1_ENA or MICB2_ENA is enabled or disabled; a faster transition can be selected by setting the
MICB1_RATE and MICB2_RATE registers as described in Table 1.
When a MICBIAS output is disabled, the output pin can be configured to be floating or to be actively
discharged. This is selected using the MICB1_DISCH and MICB2_DISCH register bits.
The MICBIAS generators can each operate as a voltage regulator or in bypass mode.
In Regulator mode, the output voltage is selected using the MICB1_LVL and MICB2_LVL register
bits.In this mode, AVDD1 must be at least 200mV greater than the required MICBIAS output
voltages.The MICBIAS outputs are powered from the AVDD1 supply pin, and use the internal
bandgap circuit as a reference.
Note that, in Regulator mode, the MICBIAS regulators are designed to operate without external
decoupling capacitors. It is important that parasitic capacitances on the MICBIAS1 or MICBIAS2 pins
do not exceed the specified limit in Regulator mode (see “Electrical Characteristics”).
In Bypass mode, the output pin (MICBIAS1 or MICBIAS2) is connected directly to AVDD1. This
enables a low power operating state. Note that, if a capacitive load is connected to MICBIAS1 or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com