Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM1811A Datasheet(PDF) 93 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 93 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 89Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 90Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 91Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 92Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 93Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 94Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 95Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 96Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 97Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
93
AIF2 - INPUT PATH VOLUME CONTROL
A digital volume control is provided on the AIF2 input signal paths, allowing attenuation in the range -
71.625dB to 0dB in 0.375dB steps. The level of attenuation for an eight-bit code X is given by:
0.375
 (X-192) dB for 1  X  192;
MUTE for X = 0
0dB for 192
 X  255
The AIF2DAC_VU bits control the loading of digital volume control data. When this bit is set to 0, the
AIF2DACL_VOL and AIF2DACR_VOL control data will be loaded into the respective control register,
but will not actually change the digital gain setting.
The AIF2DACL_VOL and AIF2DACR_VOL gain settings are updated when a 1 is written to
AIF2DAC_VU. This makes it possible to update the gain of left and right channels simultaneously.
Note that a digital gain function is also available at the audio interface input, to boost the DAC volume
when a small signal is received on DACDAT2. See “Digital Audio Interface Control” for further details.
Digital volume control is also possible within the digital core functions, after the audio signal has
passed through the DAC output digital mixers or AIF2 output digital mixers. See “Digital Mixing” for
further details.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1282
(0502h)
AIF2 DAC
Left Volume
8
AIF2DAC_V
U
N/A
AIF2DAC input path Volume Update
Writing a 1 to this bit will cause the AIF2DACL
and AIF2DACR volume to be updated
simultaneously
7:0
AIF2DACL_
VOL [7:0]
C0h
(0dB)
AIF2DAC (Left) input path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
FFh = 0dB
(See Table 40 for volume range)
R1283
(0503h)
AIF2 DAC
Right Volume
8
AIF2DAC_V
U
N/A
AIF2DAC input path Volume Update
Writing a 1 to this bit will cause the AIF2DACL
and AIF2DACR volume to be updated
simultaneously
7:0
AIF2DACR_
VOL [7:0]
C0h
(0dB)
AIF2DAC (Right) input path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
FFh = 0dB
(See Table 40 for volume range)
Table 46 AIF2 Input Path Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com