Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM1811A Datasheet(PDF) 70 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 70 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 66Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 67Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 68Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 69Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 70Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 71Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 72Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 73Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 74Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
70
DYNAMIC RANGE CONTROL (DRC)
The Dynamic Range Control (DRC) is a circuit which can be enabled in the digital playback or digital
record paths of the WM1811A audio interfaces. The function of the DRC is to adjust the signal gain in
conditions where the input amplitude is unknown or varies over a wide range, e.g. when recording
from microphones built into a handheld system.
The DRC can apply Compression and Automatic Level Control to the signal path. It incorporates ‘anti-
clip’ and ‘quick release’ features for handling transients in order to improve intelligibility in the
presence of loud impulsive noises.
The DRC also incorporates a Noise Gate function, which provides additional attenuation of very low-
level input signals. This means that the signal path is quiet when no signal is present, giving an
improvement in background noise level under these conditions.
The WM1811A provides two stereo Dynamic Range Controllers (DRCs); these are associated with
AIF1 and AIF2 respectively. Each DRC can be enabled either in the DAC playback (AIF input) path or
in the ADC record (AIF output) path, as described in the “Digital Core Architecture” section.
The DRCs are enabled in the DAC or ADCs audio signal paths using the register bits described in
Table 25. Note that enabling any DRC in the DAC and ADC paths simultaneously is an invalid
selection.
When the DRC is enabled in any of the ADC (digital record) paths, the associated High Pass Filter
(HPF) must be enabled also; this ensures that DC offsets are removed prior to the DRC processing.
The output path HPF control registers are described in Table 37 (for AIF1 output paths) and Table 45
(for AIF2 output paths). These are described in the “Digital Volume and Filter Control” section.
Note that, when ultrasonic (4FS) mode is selected on AIF1, then the DRC function is bypassed on the
respective ADC (output) signal paths. The DRC may still be selected on the AIF1DAC (input) signal
paths.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1088 (0440h)
AIF1DRC1 (1)
2
AIF1DAC1_DRC
_ENA
0
Enable DRC in AIF1DAC playback
path
0 = Disabled
1 = Enabled
1
AIF1ADC1L_DR
C_ENA
0
Enable DRC in AIF1ADC (Left)
record path
0 = Disabled
1 = Enabled
0
AIF1ADC1R_DR
C_ENA
0
Enable DRC in AIF1ADC (Right)
record path
0 = Disabled
1 = Enabled
R1344 (0540h)
AIF2DRC (1)
2
AIF2DAC_DRC_
ENA
0
Enable DRC in AIF2DAC playback
path
0 = Disabled
1 = Enabled
1
AIF2ADCL_DRC
_ENA
0
Enable DRC in AIF2ADC (Left)
record path
0 = Disabled
1 = Enabled
0
AIF2ADCR_DRC
_ENA
0
Enable DRC in AIF2ADC (Right)
record path
0 = Disabled
1 = Enabled
Table 25 DRC Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com