Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM1811A Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 23Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 24Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 25Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 26Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 27Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 28Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 29Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 30Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
27
MISCELLANEOUS CHARACTERISTICS
Test Conditions
AVDD1=3.0V (powered from LDO1), DCVDD=1.05V (powered from LDO2),
AVDD2=DBVDD1=DBVDD2=DBVDD3=CPVDD=1.8V, LDO1VDD=SPKVDD1=SPKVDD2=5V,
DGND=AGND=CPGND=SPKGND1=SPKGND2=HP2GND=0V,
TA = +25
oC, 1kHz sinusoidal signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Reference Levels
H1
VMID Midrail Reference Voltage
VMID_SEL = 01,
4.7
F capacitor on VMIDC
-3%
AVDD1/2
+3%
V
VMID Start-Up time
VMID_SEL = 01,
VMID_RAMP = 11,
4.7
F capacitor on VMIDC
50
ms
External Accessory Detection
Load impedance detection range
(MICDET)
2.2kΩ (2%) MICBIAS2 resistor.
Note these characteristics assume no
other component is connected to
MICDET. See “Applications Information”
for recommended external components
when a typical microphone is present.
for MICD_LVL[0] = 1
0
3
Ω
for MICD_LVL[1] = 1
13.33
15.27
for MICD_LVL[2] = 1
27.16
30.96
for MICD_LVL[3] = 1
42.48
49.47
for MICD_LVL[4] = 1
65
85
for MICD_LVL[5] = 1
114
155.24
for MICD_LVL[6] = 1
191
329.87
for MICD_LVL[7] = 1
475
30000
Jack Detection input threshold voltage
(JACKDET)
Jack insertion
0.5 x
AVDD2
V
Jack removal
0.85 x
AVDD2
Frequency Locked Loops (FLLs)
H29
Lock time
FREF=32kHz,
FOUT=12.288MHz
2.5
ms
FREF=12MHz,
FOUT=12.288MHz
300
s
H30
Free-running mode start-up time
100
s
H31
Free-running mode frequency accuracy
Reference supplied initially
+/-10
%
No reference provided
+/-30
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com