Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM1811A Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 20Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 21Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 22Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 23Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 24Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 25Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 26Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 27Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
24
Test Conditions
AVDD1=3.0V (powered from LDO1), DCVDD=1.05V (powered from LDO2),
AVDD2=DBVDD1=DBVDD2=DBVDD3=CPVDD=1.8V, LDO1VDD=SPKVDD1=SPKVDD2=5V,
DGND=AGND=CPGND=SPKGND1=SPKGND2=HP2GND=0V,
TA = +25
oC, 1kHz sinusoidal signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G6
Earpiece Speaker Voice Call:
Tx Voice and RXVOICE
Separation
1kHz Full scale differential input
on VRXP-VRXN, output to
HPOUT2P-HPOUT2N; Quiescent
input on IN1LN/P or IN1RN/P
(Gain=+12dB), differential line
output; Measure crosstalk at
differential line output
100
dB
G7
Headset Voice Call:
Tx Voice and RXVOICE
Separation
1kHz full scale differential input on
VRXP-VRXN via RXVOICE to
MIXOUTL and MIXOUTR, output
to HPOUT1L and HPOUT1R;
Quiescent input on IN1LN/P or
IN1RN/P (Gain=+12dB),
differential line output; Measure
crosstalk at differential line output
90
dB
G8
Stereo Line Record and Playback:
DAC/Headset to ADC Separation
-5dBFS input to DACs, playback to
HPOUT1L and HPOUT1R; ADC
record from line input; Measure
crosstalk on ADC output
DACR
HPOUT1LVOL
0dB
DACL
HPOUT1RVOL
0dB
+
MIXINL or
MIXINR
ADCL or
ADCR
CROSSTALK
Quiescent
input
HPOUT1L
HPOUT1R
IN1LP or
IN1RP
95
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com