Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM1811A Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 10Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 11Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 12Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 13Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 14Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 15Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 16Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 17Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
14
INPUT PIN RESISTANCE
Test Conditions
TA = +25
oC.
With the exception of the condition(s) noted above, the following electrical characteristics are valid across the full range of
recommended operating conditions.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
B1
PGA Input Resistance
Differential Mode
See note 5
See “Applications
Information” for details of
Input resistance at all
PGA Gain settings.
Gain = -16.5dB
(INnx_VOL=00h)
53
k
Gain = 0dB
(INnx_VOL=0Bh)
25
k
Gain = +30dB
(INnx_VOL=1Fh)
1.3
k
B2
PGA Input Resistance
Single-Ended Mode
See note 5
See “Applications
Information” for details of
Input resistance at all
PGA Gain settings.
Gain = -16.5dB
(INnx_VOL=00h)
58
k
Gain = 0dB
(INnx_VOL=0Bh)
36
k
Gain = +30dB
(INnx_VOL=1Fh)
2.5
k
B3
Line Input Resistance
See note 5
IN1LP to MIXINL, or
IN1RP to MIXINR
Gain = -12dB
(IN1xP_MIXINx_VOL=001)
56
k
IN1LP to MIXINL, or
IN1RP to MIXINR
Gain = 0dB
(IN1xP_MIXINx_VOL=101)
18
k
IN1LP to MIXINL, or
IN1RP to MIXINR
Gain = +6dB
(IN1xP_MIXINx_VOL=111)
9.8
k
IN1LP to MIXINL, or
IN1RP to MIXINR
Gain = +15dB
(IN1xP_MIXINx_VOL=111,
IN1xP_MIXINx_BOOST=1)
3.7
k
IN1LPto SPKMIXL, or
IN1RP to SPKMIXR
(SPKATTN = -12dB)
89
k
IN1LPto SPKMIXL, or
IN1RP to SPKMIXR
(SPKATTN = 0dB)
27
k
IN2LN, IN2RN, IN2LP or
IN2RP to MIXOUTL or
MIXOUTR
Gain = -9dB
(*MIXOUTx_VOL=011)
43
k
IN2LN,IN2RN, IN2LP or
IN2RP to MIXOUTL or
MIXOUTR
Gain = 0dB
18
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com