Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM1811A Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 40Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 41Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 42Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 43Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 44Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 45Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 46Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 47Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
44
INPUT PGA CONFIGURATION
Each of the Input PGAs can operate in a single-ended ordifferential mode. In differential mode, both
inputs to the PGA are connected to the input source. In single-ended mode, the non-inverting input to
the PGA must be connected to VMID. Configuration of the PGA inputs to the WM1811A input pins is
controlled using the register bits shown in Table 3.
Single-ended microphone operation is configured by connecting the input source to the inverting input
of the applicable PGA. The non-inverting input of the PGA must be connected to the buffered VMID
reference. Note that the buffered VMID reference must be enabled, using the VMID_BUF_ENA
register, as described in “Reference Voltages and Master Bias”.
Differential microphone operation is configured by connecting the input source to both inputs of the
applicable PGA.
Line inputs to the input pins IN1LN, IN2LN, IN1RN and IN2RN must be connected to the applicable
PGA. The non-inverting input of the PGA must be connected to VMID.
Line inputs to the input pins IN1LP, IN2LP, IN1RP or IN2RP do not connect to the input PGAs. The
non-inverting inputs of the associated PGAs must be connected to VMID. The inverting inputs of the
associated PGAs may be used as separate mic/line inputs if required.
The maximum available attenuation on any of these input paths is achieved by using register bits
shown in Table 3to disconnect the input pins from the applicable PGA.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R40 (0028h)
Input Mixer
(2)
7
IN2LP_TO_IN2L
0
IN2L PGA Non-Inverting Input Select
0 = Connected to VMID
1 = Connected to IN2LP
Note that VMID_BUF_ENA must be
set when using IN2L connected to
VMID.
6
IN2LN_TO_IN2L
0
IN2L PGA Inverting Input Select
0 = Not connected
1 = Connected to IN2LN
5
IN1LP_TO_IN1L
0
IN1L PGA Non-Inverting Input Select
0 = Connected to VMID
1 = Connected to IN1LP
Note that VMID_BUF_ENA must be
set when using IN1L connected to
VMID.
4
IN1LN_TO_IN1L
0
IN1L PGA Inverting Input Select
0 = Not connected
1 = Connected to IN1LN
3
IN2RP_TO_IN2R
0
IN2R PGA Non-Inverting Input Select
0 = Connected to VMID
1 = Connected to IN2RP
Note that VMID_BUF_ENA must be
set when using IN2R connected to
VMID.
2
IN2RN_TO_IN2R
0
IN2R PGA Inverting Input Select
0 = Not connected
1 = Connected to IN2RN
1
IN1RP_TO_IN1R
0
IN1R PGA Non-Inverting Input Select
0 = Connected to VMID
1 = Connected to IN1RP
Note that VMID_BUF_ENA must be
set when using IN1R connected to
VMID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com