Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM1811A Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 76Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 77Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 78Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 79Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 80Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 81Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 82Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 83Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 84Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
80
RETUNETM MOBILE PARAMETRIC EQUALIZER (EQ)
The ReTune
TM Mobile Parametric EQ is a circuit which can be enabled in the digital playback path of
the WM1811A audio interfaces. The function of the EQ is to adjust the frequency characteristic of the
output in order to compensate for unwanted frequency characteristics in the loudspeaker (or other
output transducer). It can also be used to tailor the response according to user preferences, for
example to accentuate or attenuate specific frequency bands to emulate different sound profiles or
environments e.g. concert hall, rock etc.
The WM1811A provides two stereo EQ circuits; these are associated with AIF1 and AIF2 respectively.
The EQ is enabled in these signal paths using the register bits described in Table 29.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1152 (0480h)
AIF1 DAC1
EQ Gains (1)
0
AIF1DAC1_EQ_E
NA
0
Enable EQ in AIF1DAC playback
path
0 = Disabled
1 = Enabled
R1408 (0580h)
AIF2 EQ Gains
(1)
0
AIF2DAC_EQ_EN
A
0
Enable EQ in AIF2DAC playback
path
0 = Disabled
1 = Enabled
Table 29 ReTune
TM Mobile Parametric EQ Enable
The following description of the EQ is applicable to both EQ circuits. The associated register control
fields are described in Table 31 and Table 32 for the respective EQs. The EQ provides selective
control of 5 frequency bands as described below.
The low frequency band (Band 1) filter can be configured either as a peak filter or a shelving filter.
When configured as a shelving filter, is provides adjustable gain below the Band 1 cut-off frequency.
As a peak filter, it provides adjustable gain within a defined frequency band that is centred on the
Band 1 frequency.
The mid frequency bands (Band 2, Band 3, Band 4) filters are peak filters, which provide adjustable
gain around the respective centre frequency.
The high frequency band (Band 5) filter is a shelving filter, which provides adjustable gain above the
Band 5 cut-off frequency.
The EQ can be configured to operate in two modes - “Default” mode or “ReTune
TM Mobile” mode.The
associated register control fields are described in Table 31 and Table 32 for the respective EQs.
DEFAULT MODE (5-BAND PARAMETRIC EQ)
In default mode, the cut-off/centre frequencies are fixed as per Table 30. The filter bandwidths are
also fixed in default mode. The gain of the individual bands (-12dB to +12dB) can be controlled as
described in Table 31.
The cut-off / centre frequencies noted in Table 30 are applicable to a sample rate of 48kHz. When
using other sample rates, these frequencies will be scaled in proportion to the selected sample rate for
the associated Audio Interface (AIF1 or AIF2).
If AIF1 and AIF2 are operating at different sample rates, then the cut-off / centre frequencies will be
different for the two interfaces. Note that the frequencies can be set to other values by using the
features described in “ReTune
TM Mobile Mode”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com