Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM1811A Datasheet(PDF) 87 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 87 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 83Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 84Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 85Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 86Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 87Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 88Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 89Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 90Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 91Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
87
AIF1 - OUTPUT PATH HIGH PASS FILTER
A digital high-pass filter can be enabled in the AIF1 output paths to remove DC offsets. This filter is
enabled independently on each output channel using the register bits described in Table 37.
The HPF cut-off frequency for the AIF1 channels is set using AIF1ADC1_HPF_CUT.
In hi-fi mode, the high pass filter is optimised for removing DC offsets without degrading the bass
response and has a cut-off frequency of 3.7Hz when the sample rate (fs) = 44.1kHz.
In voice modes, the high pass filter is optimised for voice communication; it is recommended to set the
cut-off frequency below 300Hz.
Note that the cut-off frequencies scale with the AIF1 sample rate. (The AIF1 sample rate is set using
the AIF1_SR register, as described in the “Clocking and Sample Rates” section.) See Table 38 for the
HPF cut-off frequencies at all supported sample rates.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1040 (0410h)
AIF1 ADC1
Filters
14:13
AIF1ADC1_
HPF_CUT
[1:0]
00
AIF1ADC output path Digital HPF cut-off
frequency (fc)
00 = Hi-fi mode (fc = 4Hz at fs = 48kHz)
01 = Voice mode 1 (fc = 64Hz at fs = 8kHz)
10 = Voice mode 2 (fc = 130Hz at fs = 8kHz)
11 = Voice mode 3 (fc = 267Hz at fs = 8kHz)
12
AIF1ADC1L_
HPF
0
AIF1ADC (Left) output path Digital HPF
Enable
0 = Disabled
1 = Enabled
11
AIF1ADC1R
_HPF
0
AIF1ADC (Right) output path Digital HPF
Enable
0 = Disabled
1 = Enabled
Table 37 AIF1 Output Path High Pass Filter
Sample
Frequency
(kHz)
Cut-Off Frequency (Hz) for given value of
AIF1ADC1_HPF_CUT or AIF2ADC_HPF_CUT
00
01
10
11
8.000
0.7
64
130
267
11.025
0.9
88
178
367
16.000
1.3
127
258
532
22.050
1.9
175
354
733
24.000
2.0
190
386
798
32.000
2.7
253
514
1063
44.100
3.7
348
707
1464
48.000
4.0
379
770
1594
88.200
7.4
696
1414
2928
96.000
8.0
758
1540
3188
Table 38 AIF1 Output Path High Pass Filter Cut-Off Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com