Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM1811A Datasheet(PDF) 85 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 85 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 81Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 82Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 83Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 84Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 85Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 86Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 87Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 88Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 89Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
85
DIGITAL VOLUME AND FILTER CONTROL
This section describes the digital volume and filter controls of the WM1811A AIF paths.
Digital volume control and High Pass Filter (HPF) control is provided on the AIF1 and AIF2 output
(digital record) paths.
Note that, when ultrasonic (4FS) mode is selected on AIF1, then the digital volume control and high
pass filter (HPF) control are bypassed on the respective ADC (output) signal paths.
Digital volume, soft-mute and mono mix control is provided on the AIF1 and AIF2 input (digital
playback) paths.A configurable noise gate function is available on each of the digital playback paths.
AIF1 - OUTPUT PATH VOLUME CONTROL
A digital volume control is provided on the AIF1 output signal paths, allowing attenuation in the range -
71.625dB to +17.625dB in 0.375dB steps. The level of attenuation for an eight-bit code X is given by:
0.375
 (X-192) dB for 1  X 239;
MUTE for X = 0
+17.625dB for 239
 X  255
The AIF1ADC1_VU bits control the loading of digital volume control data. When this bit is set to 0, the
AIF1ADC1L_VOL and AIF1ADC1R_VOL control data will be loaded into the respective control
register, but will not actually change the digital gain setting.
The AIF1ADC1L_VOL and AIF1ADC1R_VOL gain settings are updated when a 1 is written to
AIF1ADC1_VU. This makes it possible to update the gain of left and right channels simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1024(0400h
)
AIF1 ADC1
Left Volume
8
AIF1ADC1_
VU
N/A
AIF1ADC output path Volume Update
Writing a 1 to this bit will cause the
AIF1ADC1L and AIF1ADC1R volume to be
updated simultaneously
7:0
AIF1ADC1L
_VOL [7:0]
C0h
(0dB)
AIF1ADC (Left) output path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
EFh = +17.625dB
(See Table 36 for volume range)
R1025
(0401h)
AIF1 ADC1
Right Volume
8
AIF1ADC1_
VU
N/A
AIF1ADC output path Volume Update
Writing a 1 to this bit will cause the
AIF1ADC1L and AIF1ADC1R volume to be
updated simultaneously
7:0
AIF1ADC1R
_VOL [7:0]
C0h
(0dB)
AIF1ADC (Right) output path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
EFh = +17.625dB
(See Table 36 for volume range)
Table 35 AIF1 Output Path Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com