Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51RB2 Datasheet(PDF) 68 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 64Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 65Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 66Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 67Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 68Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 69Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 70Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 71Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 254 page
background image
68
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
11.1
Registers
.
.
.
Table 11-1.
KBMOD
– Keyboard Mode Register
KBMOD = 9FH
Reset Value = 0000 0000B
Not Bit Addressable
KBMOD7
KBMOD6
KBMOD5
KBMOD4
KBMOD3
KBMOD2
KBMOD1
KBMOD0
Bit
7
6
543
21
0
KBMOD.x
0 = level-sensitive interrupt for P1.x
1 = edge-triggered interrupt for P1.x
Table 11-2.
KBLS
– Keyboard Level Select Register
KBLS = 9CH
Reset Value = 0000 0000B
Not Bit Addressable
KBLS7
KBLS6
KBLS5
KBLS4
KBLS3KBLS2
KBLS1
KBLS0
Bit
7
6
543
21
0
KBLS.x
0 = detect low level or negative edge on P1.x
1 = detect high level or positive edge on P1.x
Table 11-3.
KBE
– Keyboard Interrupt Enable Register
KBE = 9DH
Reset Value = 0000 0000B
Not Bit Addressable
KBE7
KBE6
KBE5
KBE4
KBE3
KBE2
KBE1
KBE0
Bit
7
6
543
21
0
KBE.x
0 = interrupt for P1.x disabled
1 = interrupt for P1.x enabled
Table 11-4.
KBF
– Keyboard Interrupt Flag Register
KBF = 9EH
Reset Value = 0000 0000B
Not Bit Addressable
KBF7
KBF6
KBF5
KBF4
KBF3
KBF2
KBF1
KBF0
Bit
7
6
543
21
0
KBF.x
0 = interrupt on P1.x inactive
1 = interrupt on P1.x active. Must be cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com