Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51RB2 Datasheet(PDF) 79 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 75Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 76Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 77Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 78Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 79Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 80Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 81Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 82Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 254 page
background image
79
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Table 13-3.
TMOD – Timer/Counter Mode Control Register
TMOD Address = 089H
Reset Value = 0000 0000B
Not Bit Addressable
GATE1
C/T1
T1M1
T1M0
GATE0
C/T0
T0M0
T0M1
Bit
765
43
210
Symbol
Function
GATE1
Timer 1 Gating Control
When set, Timer/Counter 1 is enabled only while INT1 pin is high and TR1 control pin is set. When cleared, Timer 1 is
enabled whenever TR1 control bit is set.
C/T1
Timer or Counter Selector 1
Cleared for Timer operation (input from internal system clock). Set for Counter operation (input from T1 input pin). C/T1
must be zero when using Timer 1 in PWM output mode.
T1M1
T1M0
Timer 1 Operating Mode
Mode
T1M1
T1M0
Operation
000
Variable Timer Mode. 8-bit Timer/Counter TH1 with TL1 as 1–8 bit prescaler. Default
is 5 bits for a 13-bit timer/counter compatible with AT89C51RB2/RC2/IC2.
101
16-bit Auto-Reload Mode. TH1 and TL1 are cascaded to form a 16-bit Timer/Counter
which is reloaded from RH1 and RL1 when it overflows.
210
8-bit Auto-Reload Mode. TH1 holds a value which is reloaded into 8-bit Timer/Counter
TL1 each time it overflows.
311
Timer/Counter 1 is stopped
GATE0
Timer 0 Gating Control
When set, Timer/Counter 0 is enabled only while INT0 pin is high and TR0 control pin is set. When cleared, Timer 0 is
enabled whenever TR0 control bit is set.
C/T0
Timer or Counter Selector 0
Cleared for Timer operation (input from internal system clock). Set for Counter operation (input from T0 input pin). C/T0
must be zero when using Timer 0 in PWM output mode.
T0M1
T0M0
Timer 0 Operating Mode
Mode
T0M1
T0M0
Operation
000
Variable Timer Mode. 8-bit Timer/Counter TH0 with TL0 as 1–8 bit prescaler. Default
is 5 bits for a 13-bit timer/counter compatible with AT89C51RB2/RC2/IC2.
101
16-bit Auto-Reload Mode. TH0 and TL0 are cascaded to form a 16-bit Timer/Counter
which is reloaded from RH0 and RL0 when it overflows.
210
8-bit Auto-Reload Mode. TH0 holds a value which is reloaded into 8-bit Timer/Counter
TL0 each time it overflows.
311
Split Timer Mode. TL0 is an 8-bit Timer/Counter controlled by the standard Timer 0
control bits. TH0 is only an 8-bit timer controlled by Timer 1 control bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com