Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51RB2 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 33Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 34Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 35Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 36Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 37Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 38Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 39Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 40Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 254 page
background image
37
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Table 5-5.
Data Pointer Auto-Update
DPD1
DPD0
Update Operation for MOVX and MOVC (DPU1 = 1 & DPU0 = 1)
DPS = 0
DPS = 1
DPTR
/DPTR
DPTR
/DPTR
0
0
DPTR0++
DPTR1++
DPTR1++
DPTR0++
0
1
DPTR0--
DPTR1++
DPTR1++
DPTR0--
1
0
DPTR0++
DPTR1--
DPTR1--
DPTR0++
1
1
DPTR0--
DPTR1--
DPTR1--
DPTR0--
Table 5-6.
AUXR1
– Auxiliary Register 1
AUXR1 = A2H
Reset Value = XXX0 00X0B
Not Bit Addressable
–
–
ENBOOT
XSTK
GF3
0
–
DPS
Bit
7
6
543
21
0
Symbol
Function
ENBOOT
Set ENBOOT = 1 to map the Boot ROM in the range F800H–FFFFH. This is required to run the bootloader or access the
Flash API. When ENBOOT = 0 the Boot ROM is not accessible and normal program memory is mapped to this range.
The default value is set by the Bootloader Jump bit. See Section 24.2 on page 188.
XSTK
Extended Stack Enable. When XSTK = 0 the stack resides in IDATA and is limited to 256 bytes. Set XSTK = 1 to place
the stack in EDATA for up to 2K bytes of extended stack space. All PUSH, POP, CALL and RET instructions will incur a
one or two cycle penalty when accessing the extended stack.
GF3
This bit is a general purpose user flag.
DPS
Data Pointer Select. DPS selects the active data pointer for instructions that reference DPTR. When DPS = 0, DPTR will
target DPTR0 and /DPTR will target DPTR1. When DPS = 1, DPTR will target DPTR1 and /DPTR will target DPTR0.
Table 5-7.
DPCF
– Data Pointer Configuration Register
DPCF = A1H
Reset Value = 0000 00X0B
Not Bit Addressable
DPU1
DPU0
DPD1
DPD0
–
–
–
–
Bit
7
6
543
21
0
Symbol
Function
DPU1
Data Pointer 1 Update. When set, MOVX @DPTR and MOVC @DPTR instructions that use DPTR1 will also update
DPTR1 based on DPD1. If DPD1 = 0 the operation is post-increment and if DPD1 = 1 the operation is post-decrement.
When DPU1 = 0, DPTR1 is not updated.
DPU0
Data Pointer 0 Update. When set, MOVX @DPTR and MOVC @DPTR instructions that use DPTR0 will also update
DPTR0 based on DPD0. If DPD0 = 0 the operation is post-increment and if DPD0 = 1 the operation is post-decrement.
When DPU0 = 0, DPTR0 is not updated.
DPD1
Data Pointer 1 Decrement. When set, INC DPTR instructions targeted to DPTR1 will decrement DPTR1. When cleared,
INC DPTR instructions will increment DPTR1. DPD1 also determines the direction of auto-update for DPTR1 when
DPU1 = 1.
DPD0
Data Pointer 0 Decrement. When set, INC DPTR instructions targeted to DPTR0 will decrement DPTR0. When cleared,
INC DPTR instructions will increment DPTR0. DPD0 also determines the direction of auto-update for DPTR0 when
DPU0 = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com