Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51RB2 Datasheet(PDF) 42 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 38Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 39Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 40Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 41Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 42Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 43Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 44Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 45Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 254 page
background image
42
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
6.1
Crystal Oscillator A
When enabled, internal inverting oscillator amplifier A is connected between XTAL1A and
XTAL2A for connection to an external quartz crystal or ceramic resonator. The oscillator may
operate in either high-speed or low-power mode. Low-power mode is intended for crystals of 12
MHz or less and consumes less power than the higher speed mode. The configuration as shown
in Figure 6-3 applies for both high and low power oscillators. Note that in some cases, external
capacitors C1 and C2 may be reduced due to the on-chip capacitance of the XTAL1A and
XTAL2A inputs (approximately 10 pF each). When using the crystal oscillator, P4.6 and P4.7 will
have their inputs and outputs disabled. Also, XTAL2A in crystal oscillator mode should not be
used to directly drive a board-level clock without a buffer.
An optional 5 M
Ω on-chip resistor can be connected between XTAL1A and GND. This resistor
can improve the startup characteristics of the oscillator especially at higher frequencies. The
resistor can be enabled/disabled with the R1 User Fuse (See “User Configuration Fuses” on
page 188.)
Figure 6-3.
Crystal Oscillator A Connections
Note:
1.
C1, C2 = 5–15 pF for Crystals
= 5–15 pF for Ceramic Resonators
Table 6-1.
Clock Source A Settings
Clock Source A
Fuse 1
Clock Source A
Fuse 0
Selected Clock Source
1
1
High Speed Crystal Oscillator A (f > 12 MHz)
1
0
Low Power Crystal Oscillator A (f
≤12 MHz)
01
External Clock on XTAL1A
0
0
Internal 8.0 MHz RC Oscillator
Table 6-2.
Clock Source B Settings (AT89LP51IC2 Only)
Clock Source B
Fuse 1
Clock Source B
Fuse 0
Selected Clock Source
1
–
Low Frequency Crystal Oscillator B (32 kHz)
01
External Clock on XTAL1B
0
0
Internal 8.0 MHz RC Oscillator
~10 pF
~10 pF
C2
C1
R1
~5 M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com