Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51RB2 Datasheet(PDF) 84 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 80Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 81Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 82Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 83Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 84Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 85Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 86Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 87Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 254 page
background image
84
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
13.6.1
Mode 0 – 8-bit PWM with 8-bit Logarithmic Prescaler
In Mode 0, TLn acts as a logarithmic prescaler driving 8-bit counter THn (see Figure 13-6). The
PSCn bits in TCONB control the prescaler value. On THn overflow, the duty cycle value in RHn
is transferred to OCRn and the output pin is set high. When the count in THn matches OCRn,
the output pin is cleared low. The following formulas give the output frequency and duty cycle for
Timer n in PWM Mode 0. Timer 1 in PWM Mode 0 is identical to Timer 0.
Note:
In Fast Mode, TPS applies only when the TnX2 bits in CKCON0 are set. TPS always
applies in Compatibility Mode, therefore setting TnX2 in Compatibility Mode will halve
the output frequency.
Figure 13-6. Timer/Counter 1 PWM Mode 0
13.6.2
Mode 1 – 8-bit PWM with 8-bit Linear Prescaler
In Mode 1, TLn provides linear prescaling with an 8-bit auto-reload from RLn (see Figure 13-7 on
page 85). On TLn overflow, TLn is loaded with the value of RLn. THn acts as an 8-bit counter.
On THn overflow, the duty cycle value in RHn is transferred to OCRn and the output pin is set
high. When the count in THn matches OCRn, the output pin is cleared low. The following formu-
las give the output frequency and duty cycle for Timer n in PWM Mode 1. Timer 1 in PWM Mode
1 is identical to Timer 0.
Note:
In Fast Mode, TPS applies only when the TnX2 bits in CKCON0 are set. TPS always
applies in Compatibility Mode, therefore setting TnX2 in Compatibility Mode will halve
the output frequency.
Mode 0:
f
out
f
SYS
256
2
PSCn
1
+
×
-----------------------------------------
1
TPS
1
+
---------------------
×
=
Duty Cycle %
100
RHn
256
------------
×
=
CLKSYS
TR1
GATE1
INT1 Pin
TL1
(8 Bits)
Control
PSC1
TH1
(8 Bits)
OCR1
RH1
(8 Bits)
=
T1
÷TPS
Mode 1:
f
out
f
SYS
256
256
RLn
–
()
×
-------------------------------------------------
1
TPS
1
+
---------------------
×
=
Duty Cycle %
100
RHn
256
------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com