Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51RB2 Datasheet(PDF) 55 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 51Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 52Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 53Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 54Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 55Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 56Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 57Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 58Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 254 page
background image
55
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
8.
Power Saving Modes
The AT89LP51RB2/RC2/IC2 supports two different software selectable power-reducing modes:
Idle and Power-down. These modes are accessed through the PCON register. Additional steps
may be required to achieve the lowest possible power consumption while using these modes. In
addition the AT89LP51RB2/RC2/IC2 has fusible configuration options that can further reduce
the active power consumption under certain circumstances.
8.1
Idle Mode
Setting the IDL bit in PCON enters idle mode. Idle mode halts the internal CPU clock. The CPU
state is preserved in its entirety, including the RAM, stack pointer, program counter, program
status word, and accumulator. The Port pins hold the logic states they had at the time that Idle
was activated. Idle mode leaves the peripherals running in order to allow them to wake up the
CPU when an interrupt is generated. The timer and UART peripherals continue to function dur-
ing Idle. If these functions are not needed during idle, they should be explicitly disabled by
clearing the appropriate control bits in their respective SFRs. The watchdog may be selectively
enabled or disabled during Idle by setting/clearing the WDIDLE bit. The Brown-out Detector is
always active during Idle. Any enabled interrupt source or reset may terminate Idle mode. When
exiting Idle mode with an interrupt, the interrupt will immediately be serviced, and following RETI
the next instruction to be executed will be the one following the instruction that put the device
into Idle.
The power consumption during Idle mode can be further reduced by prescaling down the system
clock using the System Clock Prescaler (Section 6.8 on page 47). Be aware that the clock
divider will affect all peripheral functions and baud rates may need to be adjusted to maintain
their rate with the new clock frequency.
.
Table 8-1.
PCON
– Power Control Register
PCON = 87H
Reset Value = 000X 0000B
Not Bit Addressable
SMOD1
SMOD0
PWDEX
POF
GF1
GF0
PD
IDL
Bit
7
6
543
21
0
Symbol
Function
SMOD1
Double Baud Rate bit. Doubles the baud rate of the UART in Modes 1, 2, or 3.
SMOD0
Frame Error Select. When SMOD0 = 1, SCON.7 is SM0. When SMOD0 = 1, SCON.7 is FE. Note that FE will be set after
a frame error regardless of the state of SMOD0.
PWDEX
Power-down Exit Mode. When PWDEX = 0, wake up from Power-down is externally controlled. When PWDEX = 1, wake
up from Power-down is internally timed.
POF
Power Off Flag. POF is set to “1” during power up (i.e. cold reset). It can be set or reset under software control and is not
affected by RST or BOD (i.e. warm resets).
GF1, GF0
General-purpose Flags
PD
Power-down bit. Setting this bit activates power-down operation. The PD bit is cleared automatically by hardware when
waking up from power-down.
IDL
Idle Mode bit. Setting this bit activates Idle mode operation. The IDL bit is cleared automatically by hardware when
waking up from idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com