Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51RB2 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 20Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 21Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 22Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 23Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 24Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 25Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 26Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 27Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 254 page
background image
24
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
4.
Special Function Registers
A map of the on-chip memory area called the Special Function Register (SFR) space is shown in
Table 4-1.
Note that not all of the addresses are occupied, and unoccupied addresses may not be imple-
mented on the chip. Read accesses to these addresses will in general return random data, and
write accesses will have an indeterminate effect. User software should not write to these unlisted
locations, since they may be used in future products to invoke new features.
Notes:
1. All SFRs in the left-most column are bit-addressable.
2. Reset value is 1111 1111B when Tristate-Port Fuse is enabled and 0000 0000B when disabled.
3. Reset value is 0101 0010B when Compatibility mode is enabled and 0000 0000B when disabled.
Table 4-1.
Atmel AT89LP51RB2/RC2/IC2 SFR Map and Reset Values
8
9A
B
C
D
E
F
0F8H
CH
0000 0000
CCAP0H
0000 0000
CCAP1H
0000 0000
CCAP2H
0000 0000
CCAP3H
0000 0000
CCAP4H
0000 0000
0FFH
0F0H
B
0000 0000
RL0
0000 0000
RL1
0000 0000
RH0
0000 0000
RH1
0000 0000
PAGE
0000 0000
BX
0000 0000
0F7H
0E8H
CL
0000 0000
CCAP0L
0000 0000
CCAP1L
0000 0000
CCAP2L
0000 0000
CCAP3L
0000 0000
CCAP4L
0000 0000
SPX
xxxx x000
0EFH
0E0H
ACC
0000 0000
AX
0000 0000
DSPR
0000 0000
FIRD
0000 0000
MACL
0000 0000
MACH
0000 0000
P0M0
(2)
P0M1
0000 0000
0E7H
0D8H
CCON
00x0 0000
CMOD
00xx x000
CCAPM0
x000 0000
CCAPM1
x000 0000
CCAPM2
x000 0000
CCAPM3
x000 0000
CCAPM4
x000 0000
0DFH
0D0H
PSW
0000 0000
FCON
xxxx 0000
EECON
0000 0000
DPLB
0000 0000
DPHB
0000 0000
P1M0
(2)
P1M1
0000 0000
0D7H
0C8HT2CON
0000 0000
T2MOD
0000 0000
RCAP2L
0000 000
RCAP2H
0000 0000
TL2
0000 000
TH2
0000 0000
P2M0
(2)
P2M1
0000 0000
0CFH
0C0H
P4
1111 1111
SPCON
0001 0100
SPSTA
0000 0000
SPDAT
xxxx xxxx
P3M0
(2)
P3M1
0000 0000
0C7H
0B8H
IPL0
xx00 0000
SADEN
0000 0000
AREF
0000 0000
P4M0
(2)
P4M1
0000 0000
0BFH
0B0H
P3
1111 1111
IEN1
xxxx 0000
IPL1
xxxx 0000
IPH1
xxxx 0000
IPH0
xx00 0000
0B7H
0A8H
IEN0
0x00 0000
SADDR
0000 0000
ACSRB
0000 0000
DADL
0000 0000
DADH
0000 0000
CLKREG
0101 xxxx
CKCON1
xxxx xxx0
0AFH
0A0H
P2
1111 1111
DPCF
0000 xxxx
AUXR1
0000 00x0
ACSRA
0000 0000
DADC
0000 0000
DADI
0000 0000
WDTRST
(write-only)
WDTPRG
0000 0xx0
0A7H
98H
SCON
0000 0000
SBUF
xxxx xxxx
BRL
0000 0000
BDRCON
xxx0 0000
KBLS
0000 0000
KBE
0000 0000
KBF
0000 0000
KBMOD
0000 0000
9FH
90H
P1
1111 1111
TCONB
0010 0100
BMSEL
xxxx xxx0
SSCON
0000 0000
SSCS
1111 1000
SSDAT
1111 1111
SSADR
1111 1110
CKRL
1111 1111
97H
88H
TCON
0000 0000
TMOD
0000 0000
TL0
0000 0000
TL1
0000 0000
TH0
0000 0000
TH1
0000 0000
AUXR
0000 0000
CKCON0
0000 0000
8FH
80H
P0
1111 1111
SP
0000 0111
DPL
0000 0000
DPH
0000 0000
CKSEL
xxxx xxx0
OSCCON
xxxx x001
PCON
000x 0000
87H
0
123
456
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com