Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2208 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 3Page - STMicroelectronics AN2208 Datasheet HTML 4Page - STMicroelectronics AN2208 Datasheet HTML 5Page - STMicroelectronics AN2208 Datasheet HTML 6Page - STMicroelectronics AN2208 Datasheet HTML 7Page - STMicroelectronics AN2208 Datasheet HTML 8Page - STMicroelectronics AN2208 Datasheet HTML 9Page - STMicroelectronics AN2208 Datasheet HTML 10Page - STMicroelectronics AN2208 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
AN2208
1 High-side driver description
7/51
1
High-side driver description
The VN808 (Figure 2) is a high-side driver (HSD) used to drive eight independent loads. Active
current limitation combined with thermal shutdown and automatic restart functions protect the
device against overload. A thermal case substrate protection is implemented to protect the FRx
substrate under short circuit and worst case ambient conditions in terms of reliability. The
device automatically turns off when the ground pin is disconnected. The VN340SP and VN808
are especially suitable for use with programmable logic controllers (PLC) in industrial
applications.
The VN340SP (Figure 3) is used to drive four independent resistive, capacitive and inductive
loads in high-side configurations. Active current limitation prevents the system power supply
from dropping in the event of a short load. A built-in thermal shutdown circuit protects the chip
from high temperatures and short circuits. Each I/O is pulled down when an over-temperature
condition of the relative channel is detected and restarts after reaching the lower thermal
threshold. The system oscillates depending on the thermal impedance of the application.
Table 1.
VN808 and VN340SP main characteristics
VN340SP HSD
VN808 HSD
Output current per channel 0.5A at 24V
Built-in current limiter
Short-load and overtemperature (Junction)
protection
Short-load and overtemperature (Junction and
Case) protection
Under-voltage shutdown
Open-drain diagnostic output
Status output current 2 to 4 mA
DC supply voltage 36V
DC supply voltage 45V
Very low stand-by current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com