Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2208 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2208 Datasheet HTML 1Page - STMicroelectronics AN2208 Datasheet HTML 2Page - STMicroelectronics AN2208 Datasheet HTML 3Page - STMicroelectronics AN2208 Datasheet HTML 4Page - STMicroelectronics AN2208 Datasheet HTML 5Page - STMicroelectronics AN2208 Datasheet HTML 6Page - STMicroelectronics AN2208 Datasheet HTML 7Page - STMicroelectronics AN2208 Datasheet HTML 8Page - STMicroelectronics AN2208 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
AN2208
4/51
List of figures
Figure 1.
VN808 and VN340SP reference design boards . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
VN808 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
VN340SP block diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
VN808 reference design board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 5.
Surge Suppression Block . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 6.
Typical input/status isolation by optocouplers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 7.
Burst pulse affecting one input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 8.
Recommended layout for High Power Dissipation capability . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 9.
DC/DC part of the application circuit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 10.
Current and voltage conventions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 11.
Complete application circuit with VN808 and L5970D devices. . . . . . . . . . . . . . . . . . . . . . 13
Figure 12.
Switching part of the application circuit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 13.
VN340SP reference design board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 14.
Switching part of the application circuit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 15.
Complete application circuit with VN340SP and L5970D devices . . . . . . . . . . . . . . . . . . . 17
Figure 16.
Description of the switching inductor loads. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 17.
IPS simplified structure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 18.
Simplified thermal models. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 19.
Power supply tests (IEC 61000-4-4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 20.
Switch diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 21.
Test on input ports (IEC 61000-4-4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 22.
Output port tests (IEC 61000-4-4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 23.
Power supply tests (IEC 61000-4-5) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 24.
Test on Output Ports (IEC 61000-4-5) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 25.
Power supply tests (IEC 61000-4-6) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 26.
Input port tests (IEC 61000-4-6) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 27.
Output port tests (IEC 61000-4-6) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 28.
VN808 Waveforms (Part 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 29.
VN808 Waveforms (Part 2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 30.
GND_Power disconnection. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 31.
Switching lamps: VCC = 24V, f = 0.5 Hz, Wave1 = VINOPT,
Wave2 = VOUT, Wave4 = ICH1OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 32.
Waveform tOFF inductor load: VCC = 24V, L = 130mH, RLOAD = 63W,
tOFF = 1.2101 ms, Wave2 = VOUT, Wave1 = VINOPT, Wave4 = ICH1OUT . . . . . . . . . . 32
Figure 33.
Waveform switching inductive load: VCC = 24V, L = 130mH, RLOAD = 48W,
f = 0.5Hz, Wave2 = VOUT, Wave1 = VINOPT, Wave4 = ICH1OUT . . . . . . . . . . . . . . . . . 33
Figure 34.
Switching with short circuit: VCC = 24V, f = 0.5Hz, Wave2 = VSTATUSOPT,
Wave1 = VINOPT, Wave4 = ICH1OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 35.
Time delay between VINOPT and VOUT: VCC = 24V, Load = Lamp,
Wave2 = VOUT, Wave3 = VINOPT, Dt = 58.462 µs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 36.
GND_Power disconnection for VN808: VCC = 25V, Load = Lamp,
Wave1 = VCC, Wave2 = VOUT, Wave3 = GND of power supply . . . . . . . . . . . . . . . . . . . 33
Figure 37.
Waveform ITOT and VINOPT during the test with short circuit VCC = 28V,
TA = 85°C, Wave4 = ITOT, Wave1 = VINOPT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 38.
Waveform on ITOT and VINOPT during the test with short circuit VCC = 28V,
TA = –25°C, Wave4 = ITOT, Wave1 = VINOPT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 39.
Case temperature dependency vs. current ITOT (TA = 25°C and VCC = 24 V) . . . . . . . . 34
Figure 40.
Burst applied on the power supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com