Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2208 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 6Page - STMicroelectronics AN2208 Datasheet HTML 7Page - STMicroelectronics AN2208 Datasheet HTML 8Page - STMicroelectronics AN2208 Datasheet HTML 9Page - STMicroelectronics AN2208 Datasheet HTML 10Page - STMicroelectronics AN2208 Datasheet HTML 11Page - STMicroelectronics AN2208 Datasheet HTML 12Page - STMicroelectronics AN2208 Datasheet HTML 13Page - STMicroelectronics AN2208 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
2 VN808 reference design board
AN2208
10/51
environmental noise. Figure 5 shows a surge suppression block using a uni-directional
SM15T36A Transil diode.
The Transil diode provides overvoltage protection for the HSD. The SM15T36A has a peak
pulse power dissipation of 1500 W, stand-off voltage of 36 V and breakdown voltage of 37.8 V.
Depending on the application, a Transil diode with a different value (for example, between 28 V
and 40 V) may be used.
An electrolytic capacitor (C1) must be placed immediately after the surge suppression block.
The size of the electrolytic capacitor is selected based on the slope of the output current, the
impedance of the complex power supply cables, as well as the maximum allowed voltage drop
across the device. The C1 value is generally 25 µF per chip. For more information about the C1
value, please refer to Application Note AN1351: VIPower and BCDMultipower: Making life
easier with ST's high-side drivers.
A low ESR SMD capacitor (C2) must be placed as close as possible to the HSD in order to filter
the power supply line for electromagnetic compatibility concerns. The suggested C2 value is
100 nF.
2.3
Isolation recommendations
Industrial environments require good isolation between digital and power supply parts.
Optocouplers are widely used and multi-channel optocouplers represent a very attractive
solution. Figure 6 shows a schematic diagram with optocouplers connected to ground.
Although optocouplers are good isolators, they may lower the category of the Electrical Fast
Transients (EFT) immunity tests as the primary and secondary sides of the optocouplers may
still have parasitic capacitance “bonding” to each other, even though they are isolated. This
parasitic capacitance may inject a current through the base emitter junction of the
phototransistor when one half of the optocoupler is “tight” due to fast voltage transients with
respect to the other side as shown in Figure 7.
If an optocoupler is used in an emitter-follower configuration, as in most industrial applications,
a high emitter voltage signal may be induced by applying EFTs even after opening the collector
termination. An efficient way to prevent this high emitter voltage signal is to provide a
conducting plane connected to ground on both the top and bottom layers of the PCB (under the
optocouplers) as shown in Figure 52: VN808 RDB PCB layout (top and bottom).
Figure 5.
Surge Suppression Block
C14
4.7 nF
Ai11615
24V DC Input
C13
4.7 nF
GND_EARTH
GND_POWER
+
GND_POWER
C1
22 µF
50V
C2
100 nF
D1
SM15T36A
VCC 24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com