Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2208 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 19Page - STMicroelectronics AN2208 Datasheet HTML 20Page - STMicroelectronics AN2208 Datasheet HTML 21Page - STMicroelectronics AN2208 Datasheet HTML 22Page - STMicroelectronics AN2208 Datasheet HTML 23Page - STMicroelectronics AN2208 Datasheet HTML 24Page - STMicroelectronics AN2208 Datasheet HTML 25Page - STMicroelectronics AN2208 Datasheet HTML 26Page - STMicroelectronics AN2208 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
AN2208
6 Electromagnetic compatibility (EMC) tests
23/51
6.2
List of EMC test equipment
6.3
Requested test levels
6.3.1
IEC 61000-4-4
●
Polarity: positive/negative
●
Test voltage: Level 4 (4 kV)
●
Burst duration: 15 ms±20% at 5 kHz
●
Burst period: 300 ms±20%
●
Duration time: 60 seconds (min.)
●
Applied to: Input/Output ports and Supply lines
6.3.2
IEC 61000-4-5
●
Polarity: positive/negative
●
Test voltage: Level 3 (2 kV)
●
Number of Discharges: 5
●
Repetition Rate: 1 per min.
●
Applied to: Output ports and Supply lines (all combinations)
Table 4.
Equipment list for EMC tests
Equipment
Description
Surge Generator
EM Test Surge generator VCS 500 with CDN
EFT Generator
EM Test EFT 800 EFT/burst generator with CDN
CC
EMC Partner CN-EFT 1000 Capacitive coupling clamp
Power Supply
PCE A1200 40 30 DC power supply 40V/30A
Toellner TOE 8733
Decoupling network
Trennstelltrafo LTS 606 for separation from the mains
Loads
Osram 8x lamps 24V/15W
8x Inductor 130mH/48
Ω
Signal Generator
Agilent 33220A
PMM 3000 according IEC 61000-4-6
CDN
EMC Partner CDN-1000 KIT for surge test
EMC Partner CN-EFT-1000
FCC-M3-16A for IEC 61000-4-6
FCC F-120-9A Current Injection Probe for IEC 61000-4-6
Attenuator
EM TEST ATT6/75
Multimeter
FLUKE 189
Oscilloscope
LECROY LT 374M
Current Probe
LECROY AP015
Wood table
1-meter high
Metal plane
Size in proportion to wood table and test setup
Wood isolation
0.1-meter thick



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com