Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2208 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 15Page - STMicroelectronics AN2208 Datasheet HTML 16Page - STMicroelectronics AN2208 Datasheet HTML 17Page - STMicroelectronics AN2208 Datasheet HTML 18Page - STMicroelectronics AN2208 Datasheet HTML 19Page - STMicroelectronics AN2208 Datasheet HTML 20Page - STMicroelectronics AN2208 Datasheet HTML 21Page - STMicroelectronics AN2208 Datasheet HTML 22Page - STMicroelectronics AN2208 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
AN2208
4 Load switching tests
19/51
The parameters are given by the following formulas:
For example for VN808:
Where, IOUT = 0.5 A, L = 130 mH, f = 0.5 Hz, VCC = 24 V and VCLAMP = 52 V
VCLAMP - VCC = 28 V and RLOAD = 48 Ω
tOFF = 1.6 ms
EOFF = 21 mJ per channel
Note:
For more information about switching inductor loads, see Application Note AN1351.
Figure 17. IPS simplified structure
GND
OUT
VCC
High Side Switch
S1
ZD1
50V
Ai11609
t
OFF
L
R
LOAD
------------------
1
V
CC
V
CLAMP
V
CC
–
---------------------------------------
+


ln
•
=
E
OFF
V
CLAMP
R
LOAD
---------------------
LV
CC
•
R
LOAD
--------------------
V
CLAMP
V
CC
–
() t
OFF
•
()
–


•
=
P
t
OFF
E
OFF
t
OFF
--------------
=
P
t
OFF
4
21mJ
1.6ms
-----------------
•
52.5W
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com