Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2208 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 38Page - STMicroelectronics AN2208 Datasheet HTML 39Page - STMicroelectronics AN2208 Datasheet HTML 40Page - STMicroelectronics AN2208 Datasheet HTML 41Page - STMicroelectronics AN2208 Datasheet HTML 42Page - STMicroelectronics AN2208 Datasheet HTML 43Page - STMicroelectronics AN2208 Datasheet HTML 44Page - STMicroelectronics AN2208 Datasheet HTML 45Page - STMicroelectronics AN2208 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
7 Test results
AN2208
42/51
Appendix A VN808 reference design board (RDB)
A.1
VN808 RDB bill of materials
The list of parts for the VN808 Reference Design Board is provided in Table 12.
Table 12.
VN808 RDB bill of materials
Item
Quantity
Reference
Value
Note
1
16
C5, C6, C7, C8, C9, C10, C11, C12
10nF
C19, C20, C21, C22, C23, C24, C25, C26
2
4
C14, C13, C18, C17
4.7nF 500V SMD 1206
3
4
C2, C4, C15, C27
100nF 50V SMD 0805
4
2
C1, C28
22uF/50V
5
1
C30
10µF/35V ceramic
6
1
C33
100µF/16V tantalum
7
1
C31
220pF
8
1
C32
22nF
9
2
D1, D2
SM15T36A
10
1
D3
STPS2L25U
11
2
J1, J4
Headers 2line 14pin
12
2
J2, J3
Terminal block 5,08mm
13
1
L1
33µH/2A
14
2
R1, R13
2k2
15
16
R3, R4, R5, R6, R7, R8, R9, R10
1k5
R16, R17, R18, R19, R20, R21, R22,
R23
16
1
R26
15K
17
3
R12, R15, R25
4k7
18
1
R27
3k9
19
1
R11, R24
10k
20
1
J5
Terminal block 5.08mm
21
4
U2, U3, U7, U8
TLP281-4
22
2
U1, U5
VN808
23
2
U4, U6
TLP181
24
1
U9
L5970
25
2
F1, F2
7A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com