Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2208 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 36Page - STMicroelectronics AN2208 Datasheet HTML 37Page - STMicroelectronics AN2208 Datasheet HTML 38Page - STMicroelectronics AN2208 Datasheet HTML 39Page - STMicroelectronics AN2208 Datasheet HTML 40Page - STMicroelectronics AN2208 Datasheet HTML 41Page - STMicroelectronics AN2208 Datasheet HTML 42Page - STMicroelectronics AN2208 Datasheet HTML 43Page - STMicroelectronics AN2208 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
7 Test results
AN2208
40/51
Test result: The VN340SP HSD worked properly during the test.
IEC 61000-4-5 surge test results
The board was tested with 42
Ω coupling/decoupling network. All channels were active during
the test. Different combinations of channel activity were also tested. Table 10 lists test results.
A 4.7nF 500V capacitor was placed between the power supply and earth protection.
Test result: The VN340SP HSD worked properly during the test.
IEC61000-4-6 conducted immunity test results
The test was executed according the standard with required levels. Table 11 lists test results.
Test results: Loss of function was observed during the test on output lines when HSD input
was OFF. Lamps shone little bit. (Normal behavior: Lamps switched OFF.)
Table 9.
EMC test IEC 61000-4-4 EFT test results (VN340SP RDB)
IEC 61000-4-4 Burst Test
Test Condition
RDB VN340SP 1/2
RDB VN340SP 2/2
Power supply
Input ON
±4kV OK
±4kV OK
Input OFF
±4kV OK
±4kV OK
Switch @ 1Hz
±4kV OK
±4kV OK
Output
Input ON
±4kV OK
±4kV OK
Input OFF
±4kV OK
±4kV OK
Switch @ 1Hz
±4kV OK
±4kV OK
Input
Input ON
±4kV OK
±4kV OK
Input OFF
±4kV OK
±4kV OK
Table 10.
EMC test IEC61000-4-5 surge test results (VN340SP RDB)
IEC 61000-4-5 Surge Test
Test Condition
VN340SP RDB 1/2
VN340SP RDB 2/2
Power supply VCC to
GND:_Power
Input ON
±2kV OK
±2kV OK
Input OFF
±2kV OK
±2kV OK
VCC to Earth
Input ON
±2kV OK
±2kV OK
Input OFF
±2kV OK
±2kV OK
GND to Earth
Input ON
±2kV OK
±2kV OK
Input OFF
±2kV OK
±2kV OK
Output of the RDB to VCC
Input ON
±2kV OK
±2kV OK
Input OFF
±2kV OK
±2kV OK
Output of the RDB to
GND_Power
Input ON
±2kV OK
±2kV OK
Input OFF
±2kV OK
±2kV OK
Output of the RDB to Earth
Input ON
±2kV OK
±2kV OK
Input OFF
±2kV OK
±2kV OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com