Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2208 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 29Page - STMicroelectronics AN2208 Datasheet HTML 30Page - STMicroelectronics AN2208 Datasheet HTML 31Page - STMicroelectronics AN2208 Datasheet HTML 32Page - STMicroelectronics AN2208 Datasheet HTML 33Page - STMicroelectronics AN2208 Datasheet HTML 34Page - STMicroelectronics AN2208 Datasheet HTML 35Page - STMicroelectronics AN2208 Datasheet HTML 36Page - STMicroelectronics AN2208 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
AN2208
7 Test results
33/51
7.1.2
Thermal stress test results
1.
All channels shorted: fSWITCH = 0.5 Hz, VCC = 28V, duration 72 hours, TA = 25°C.
2.
All channels shorted: fSWITCH = 0.5 Hz, VCC = 28V, duration 8 hours, TA = 85°C.
3.
All channels shorted: fSWITCH = 0.5 Hz, VCC = 28V, duration 8 hours, TA = –25°C.
Test Results: The case temperature with 8 channels shorted oscillates between 116 and
119°C with an ambient temperature of 25°C. The case temperature increases to between 116
and 121°C with an ambient temperature of 85°C.
Figure 33. Waveform switching inductive load:
VCC = 24V, L = 130mH, RLOAD = 48Ω,
f = 0.5Hz, Wave2 = VOUT, Wave1 =
VINOPT, Wave4 = ICH1OUT
Figure 34. Switching with short circuit: VCC =
24V, f = 0.5Hz, Wave2 = VSTATUSOPT,
Wave1 = VINOPT, Wave4 = ICH1OUT
Figure 35. Time delay between VINOPT and
VOUT: VCC = 24V, Load = Lamp,
Wave2 = VOUT, Wave3 = VINOPT, ∆t =
58.462 µs
Figure 36. GND_Power disconnection for
VN808: VCC = 25V, Load = Lamp,
Wave1 = VCC, Wave2 = VOUT,
Wave3 = GND of power supply
Ground Disconnection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com