Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2208 Datasheet(PDF) 48 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 43Page - STMicroelectronics AN2208 Datasheet HTML 44Page - STMicroelectronics AN2208 Datasheet HTML 45Page - STMicroelectronics AN2208 Datasheet HTML 46Page - STMicroelectronics AN2208 Datasheet HTML 47Page - STMicroelectronics AN2208 Datasheet HTML 48Page - STMicroelectronics AN2208 Datasheet HTML 49Page - STMicroelectronics AN2208 Datasheet HTML 50Page - STMicroelectronics AN2208 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
7 Test results
AN2208
48/51
C.3
L5970D DC/DC converter load test results
The DC/DC converter was tested with a constant output current with resistive load.
The Waveform on coil L1 has to be clear without overshot (see Figure 61., Figure 63.).
Input/output voltage ripple depends on ESR capacitor values.
Only low ESR capacitors have been used on VSS and VOUT.
Test conditions
●
Resistive load = 12
Ω.
●
Input voltages VSS = 8, 12, and 24V.
●
Output voltage VBSS = 5V
●
Output current IOUTDC = 0.4A
●
Ambient Temperature (TA) = 25°C
Test results: If output current is increase up to 1.4 A, then the current limiter will be active.
Output voltage ripple can be seen in Figure 62. The maximum value of ripple is 93 mV. The
efficiency measurement results are shown in Figure 58.
Table 14.
L5970D electrical characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
VSS
Operating input voltage
6.6
35
V
IQOP
Total operating quiescent current
2.4
5
mA
IOUTDC
Maximum limiting current
1.0
1.4
A
fS
Switching frequency
243
250
kHz
d
Duty cycle
0
100
%
TA
Operating Temperature Range
–25 to 85°C
°C
PTOTDC
Power dissipation at Tamb = 60°C
0.75
W
Figure 58. Efficiency vs. output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com