Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2208 Datasheet(PDF) 47 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 43Page - STMicroelectronics AN2208 Datasheet HTML 44Page - STMicroelectronics AN2208 Datasheet HTML 45Page - STMicroelectronics AN2208 Datasheet HTML 46Page - STMicroelectronics AN2208 Datasheet HTML 47Page - STMicroelectronics AN2208 Datasheet HTML 48Page - STMicroelectronics AN2208 Datasheet HTML 49Page - STMicroelectronics AN2208 Datasheet HTML 50Page - STMicroelectronics AN2208 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
AN2208
7 Test results
47/51
The output voltage can be adjustable by voltage divider. In Figure 9 can be seen voltage divider
by resistors R26 and R27. The value of resistor R26 is equal to:
Note:
VFB = 1.235 V
For more information and technical data about L5970D, refer to the L5970D datasheet.
C.2
L5970D layout recommendations
A optimized layout is on of the key factors to operate the DC/DC converter. It reduce noise and
interference. Power-generating portions of the layout are the main cause of noise, therefore, the
high switching current loop areas, should be kept as small as possible as well as lead lengths
has to be kept short as possible.
High impedance paths (in particular the feedback connections) are susceptible to interference
and so they should be as far as possible from the high current paths.
Below there is a layout example on Figure 57. The input and output loops are minimized to
avoid radiation and high frequency resonance problems. The feedback pin connections to the
external divider are very close to the device to avoid pick up noise. Moreover the GND pin of the
device is connected to the ground plane directly with VIA on the bottom side of the PCB.
Figure 57. L5970 DC/DC converter layout example
R26
R27
V
OUT
V
FB
–
V
FB
-------------------------------


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com