Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2208 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 14Page - STMicroelectronics AN2208 Datasheet HTML 15Page - STMicroelectronics AN2208 Datasheet HTML 16Page - STMicroelectronics AN2208 Datasheet HTML 17Page - STMicroelectronics AN2208 Datasheet HTML 18Page - STMicroelectronics AN2208 Datasheet HTML 19Page - STMicroelectronics AN2208 Datasheet HTML 20Page - STMicroelectronics AN2208 Datasheet HTML 21Page - STMicroelectronics AN2208 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
4 Load switching tests
AN2208
18/51
4
Load switching tests
Many different types of loads can be found in an industrial environment. Typical loads have
inductive or resistive characteristics. Applications compliant with UL 508 (48
Ω and 1.15H)
specifications are generally considered as the worst case.
A basic description of typical switching inductor loads is given in Figure 16. The supply voltage
is nominally 24V but can rise up to 30.5V. In this application, 24V filament lamps are used with
130mH/48
Ω inductors as the loads. The V
CC supply condition is between 18.5V and 28.5V DC.
The VCLAMP voltage value decides the tOFF demagnetization duration: the faster you want to
switch off the circuit, the bigger | VCLAMP| compared with | VCC| has to be.
Note:
Typical VCLAMP value for VN808 is 52V.
STMicroelectronics’ Intelligent Power Switches (IPSs) provide a “fast demagnetization” output
structure, an integrated solution for fast switch-off of inductive loads.
IPSs are basically a Zener diode with a 52V breakdown (approx.) and high power dissipation
capability connected between an output and VCC as shown in Figure 17. In most applications,
the output voltage is then clamped at VOUT = VCC - 52, and is therefore dependent on the
supply voltage.
The integrated clamping structure saves on components and space. Internal demagnetization
can be used only if thermal behavior and load conditions are well known to designers.
Therefore a detailed analysis of thermal behavior related to inductive load switching is
mandatory to prevent improper utilization of the IPSs.
Figure 16. Description of the switching inductor loads
VINx
Load x
VN808
VINx
Load x
VINx
Load x
VINx
L
R
I
OUT
V
OUT
V
OUT
V
IN
V
CC
V
CLAMP
I
OUT
I
O
t
OFF
Ai11608



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com