Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2208 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2208 Datasheet HTML 1Page - STMicroelectronics AN2208 Datasheet HTML 2Page - STMicroelectronics AN2208 Datasheet HTML 3Page - STMicroelectronics AN2208 Datasheet HTML 4Page - STMicroelectronics AN2208 Datasheet HTML 5Page - STMicroelectronics AN2208 Datasheet HTML 6Page - STMicroelectronics AN2208 Datasheet HTML 7Page - STMicroelectronics AN2208 Datasheet HTML 8Page - STMicroelectronics AN2208 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
AN2208
5/51
Figure 41.
Burst applied on the output channel . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 42.
Positive surge applied on power supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 43.
Negative surge applied on power supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 44.
Switching lamps: Vcc = 24V, f = 0.5Hz, Wave3 = VINOPT,
Wave2 = VOUT, Wave4 = ICH1OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 45.
Waveform tOFF inductor load: Vcc = 24V, L = 130mH, RLOAD = 60W,
tOFF = 1.2276ms, Wave2 = VOUT, Wave3 = VINOPT, Wave4 = ICH1OUT. . . . . . . . . . . 38
Figure 46.
Time delay between VINOPT and VOUT: Vcc = 24V, Load = Lamp,
Wave2 = VOUT, Wave3 = VINOPT, Dt = 139µs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 47.
Switching with short circuit: Vcc = 24V, f = 0.5Hz, Wave2 = VSTATUSOPT,
Wave3 = VINOPT, Wave4 = ICH1OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 48.
Waveform switching inductive load: Vcc = 24V, L = 130mH, RLOAD = 48W,
f = 0.5Hz, Wave2 = VOUT, Wave3 = VINOPT, Wave4 = ICH1OUT . . . . . . . . . . . . . . . . . 39
Figure 49.
Switching with short circuit: Vcc = 24V, f = 0.5Hz, Wave2 = VSTATUSOPT,
Wave3 = VINOPT, Wave4 = ICH1OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 50.
Waveform ITOT and VSTATUSOPT during the test with short circuit:
Vcc = 28V, TA = 85°C, Wave4 = ITOT, Wave1 = VSTATUSOPT . . . . . . . . . . . . . . . . . . . 39
Figure 51.
Waveform on ITOT and VSTATUSOPT during the test with short circuit:
Vcc = 28V, TA = –25°C, Wave4 = ITOT, Wave1 = VSTATUSOPT . . . . . . . . . . . . . . . . . . 39
Figure 52.
VN808 RDB PCB layout (top and bottom) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 53.
VN808 RDB PCB layout (component side) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 54.
VN340SP RDB PCB layout (Top side) and (Bottom side) . . . . . . . . . . . . . . . . . . . . . . . . . 45
Figure 55.
VN340SP RDB PCB layout (component side) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Figure 56.
L5970D block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Figure 57.
L5970 DC/DC converter layout example . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 58.
Efficiency vs. output current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Figure 59.
Output voltage stability of L5970D, Vss = 24 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Figure 60.
Voltage ripple on capacitor C30, IOUTDC = 0.4A, Vss = 24V . . . . . . . . . . . . . . . . . . . . . . 49
Figure 61.
Waveform on coil L1, IOUTDC = 0.4A, Vss = 24V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Figure 62.
Voltage ripple on capacitor C33, Vss = 24V, IOUTDC = 0.4 A . . . . . . . . . . . . . . . . . . . . . . 49
Figure 63.
Waveform on coil L1, without load, Vss = 24V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com