Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2208 Datasheet(PDF) 44 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 40Page - STMicroelectronics AN2208 Datasheet HTML 41Page - STMicroelectronics AN2208 Datasheet HTML 42Page - STMicroelectronics AN2208 Datasheet HTML 43Page - STMicroelectronics AN2208 Datasheet HTML 44Page - STMicroelectronics AN2208 Datasheet HTML 45Page - STMicroelectronics AN2208 Datasheet HTML 46Page - STMicroelectronics AN2208 Datasheet HTML 47Page - STMicroelectronics AN2208 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
7 Test results
AN2208
44/51
Appendix B VN340SP reference design board (RDB)
B.1
VN340SP RDB bill of materials
The list of parts for the VN340SP Reference Design Board is provided in Table 13.
Table 13.
VN340SP RDB bill of materials
Item
Quantity
Reference
Part
Note
1
4
C2, C3, C12, C15
10nF
2
2
C4, C16
100nF 50V 0805
3
8
C5, C6, C7, C8, C17, C18, C19, C20
4n7 500V 1206
4
2
C9, C21
22µF
5
1
C10
22nF
6
1
C11
220pF
7
1
C13
10uF/35V
Ceramic
8
1
C14
100uF/16V
Tantalum
9
2
D1, D4
SM15T36A
10
1
D3
STPS2L25U
11
2
D2, D5
L-HLMP1700
12
1
J5
Terminal Block 5.08mm
13
2
J1, J3
HEADER 2 line 10 pin
14
2
J2, J4
Terminal Block 5.08mm
15
1
L1
33uH/2A
16
13
R1, R2, R3, R4, R19, R10, R20, R21, R22, R23,
R29,
4k7
17
2
R5, R24
7k5
18
8
R6, R7, R8, R9, R25, R26, R27, R28,
22k
19
10
R11, R12, R13, R14, R15, R30, R31, R32, R33,
R34, R16, R35
1k5
20
1
R17
15k
21
1
R18
3k9
22
2
F1, F2
Fuse 4A
23
2
U1, U6
TLP281-4
24
2
U2, U5
TLP181
25
2
U3, U7
VN340SP
26
1
U8
L5970D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com