Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2208 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 16Page - STMicroelectronics AN2208 Datasheet HTML 17Page - STMicroelectronics AN2208 Datasheet HTML 18Page - STMicroelectronics AN2208 Datasheet HTML 19Page - STMicroelectronics AN2208 Datasheet HTML 20Page - STMicroelectronics AN2208 Datasheet HTML 21Page - STMicroelectronics AN2208 Datasheet HTML 22Page - STMicroelectronics AN2208 Datasheet HTML 23Page - STMicroelectronics AN2208 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
5 Thermal stress tests
AN2208
20/51
5
Thermal stress tests
The thermal model of a generic Intelligent Power Switch (IPS) can be exemplified as shown in
Figure 18. RthJC and RthCA represent the junction-to-case and the case-to-ambient thermal
resistance, whereas CthC is the predominant thermal capacitance and is basically related to the
package itself.
Note:
Case thermal time constant of 48 ms without external cooling.
RthJC = Rth2+Rth1/Nb of channels
If Nb = 8, RthJC = 1.34°C/W
If Nb = 4, RthJC = 2°C/W
The aim of the designer will be to provide the lowest possible junction–ambient thermal
impedance, in order to minimize the chip temperature jump-up.
Example VN808:
I = 0.5 A, L = 130 mH, f = 0.5 Hz, TA = 60°C, Duty cycle = 0.5, VCC = 24 V,
8 channels active, 4 channels working at the same time.
Conduction losses:
Losses due to ISON (supply current): 24V* 12mA(max.) = 288 mW
PowerMOS losses at ON State: 280 m
Ω(max.)*(0.5)^2*0.5*8 = 280 mW
Switching losses:
Switching losses are due to inductance discharge:
PDOFF = 8* EOFF*F = 8* 21mJ * 0.5 = 84 mW
Total losses and Junction temperature:
Total power losses = 652 mW (0.652 W)
Figure 18. Simplified thermal models
T
A
VN808 (8-channel IPS)
R
th1 = 1.9˚ C/W
R
th2 = 1.1˚ C/W
R
thCA
C
thC
T
J1
T
J2
T
J3
T
J8
36 mJ/K
Ai11610
T
A
VN340 (4-channel IPS)
R
th1 = 1.33˚ C/W
R
th2 = 1.67˚ C/W
R
thCA
C
thC
T
J1
T
J2
T
J3
T
J4
16 mJ/K
T
C
T
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com