Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2208 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 20Page - STMicroelectronics AN2208 Datasheet HTML 21Page - STMicroelectronics AN2208 Datasheet HTML 22Page - STMicroelectronics AN2208 Datasheet HTML 23Page - STMicroelectronics AN2208 Datasheet HTML 24Page - STMicroelectronics AN2208 Datasheet HTML 25Page - STMicroelectronics AN2208 Datasheet HTML 26Page - STMicroelectronics AN2208 Datasheet HTML 27Page - STMicroelectronics AN2208 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
6 Electromagnetic compatibility (EMC) tests
AN2208
24/51
6.3.3
IEC 61000-4-6
●
Test voltage: Level 3 (10 V)
●
Frequency range: 150 kHz to 80MHz
●
Modulation: 80% depth by AM 1 kHz
●
Frequency step: 1%
●
Dwell Time 100 ms
●
Applied to: Input/Output ports and Supply lines
6.4
IEC 61000-4-4 EFT test setup
The reference design boards are tested on input/output ports and power supply lines. The test
voltage is applied from the EFT generator to the EUT via a capacitive coupling clamp. The test
setup and test voltage waveform comply with IEC 61000-4-4 specifications. The capacitive
coupling clamp is connected by a high-voltage coaxial cable to the generator as close as
possible to the EUT.
6.4.1
Power supply tests
Figure 19 illustrates the power supply test setup. A capacitive coupling clamp applies the test
voltage (max. 4 kV) to the power supply lines. A decoupling network (DN) protects the power
supply against the test voltage.
EUT test conditions:
Input port ON/OFF and fOPER = 1 Hz
Input port wave form: Square 0/5V; f = 1 Hz
6.4.2
Input port tests
Figure 21 illustrates the input port test setup. The RDB input ports are tested by first switching
them to ground and then to the 5V supply using the battery-powered switch shown in Figure 20
to increase protection.
Maximum test voltage must not exceed 4 kV.
Figure 19. Power supply tests (IEC 61000-4-4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com