Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2208 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 23Page - STMicroelectronics AN2208 Datasheet HTML 24Page - STMicroelectronics AN2208 Datasheet HTML 25Page - STMicroelectronics AN2208 Datasheet HTML 26Page - STMicroelectronics AN2208 Datasheet HTML 27Page - STMicroelectronics AN2208 Datasheet HTML 28Page - STMicroelectronics AN2208 Datasheet HTML 29Page - STMicroelectronics AN2208 Datasheet HTML 30Page - STMicroelectronics AN2208 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
AN2208
6 Electromagnetic compatibility (EMC) tests
27/51
The maximum surge voltage may not exceed 2kV for line-to-line coupling mode and 2kV for
line-to-PE coupling mode. The test is performed while the HSD output port is switched On/Off
at 1Hz. The maximum length of the cables between the EUT and CDN is 2 meters.
6.5.2
Output port tests
Figure 24 illustrates the output port test setup. The maximum surge voltage and coupling mode
is same as with the power supply tests. The test is performed while the HSD output port is
switched On/Off with both polarities. The output lines are tested between VCC/GND and PE.
6.6
IEC 61000-4-6 conducted immunity
The reference design boards are tested on the Input/Output ports and Power supply lines with a
maximum voltage of 10 VRMS. The test signal is basically a sinusoidal waveform, whose
frequency sweeps from 150 kHz up to 80 MHz with a 80% amplitude modulation at 1 kHz of the
same signal. The EUT clearance from all metallic objects must be at least 0.5 meters.
Figure 23. Power supply tests (IEC 61000-4-5)
Figure 24. Test on Output Ports (IEC 61000-4-5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com