Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0056 Datasheet(PDF) 109 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 105Page - STMicroelectronics PM0056 Datasheet HTML 106Page - STMicroelectronics PM0056 Datasheet HTML 107Page - STMicroelectronics PM0056 Datasheet HTML 108Page - STMicroelectronics PM0056 Datasheet HTML 109Page - STMicroelectronics PM0056 Datasheet HTML 110Page - STMicroelectronics PM0056 Datasheet HTML 111Page - STMicroelectronics PM0056 Datasheet HTML 112Page - STMicroelectronics PM0056 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 156 page
background image
DocID15491 Rev 5
109/156
PM0056
Core peripherals
STRH R3, [R0, #0xA]
; Region Attribute
ORR R2, #1
; Enable
STRH R2, [R0, #0x8]
; Region Size and Enable
Software must use memory barrier instructions:
Before MPU setup if there might be outstanding memory transfers, such as buffered
writes, that might be affected by the change in MPU settings
After MPU setup if it includes memory transfers that must use the new MPU settings.
However, memory barrier instructions are not required if the MPU setup process starts by
entering an exception handler, or is followed by an exception return, because the exception
entry and exception return mechanism cause memory barrier behavior.
Software does not need any memory barrier instructions during MPU setup, because it
accesses the MPU through the PPB, which is a Strongly-Ordered memory region.
For example, if you want all of the memory access behavior to take effect immediately after
the programming sequence, use a DSB instruction and an ISB instruction. A DSB is
required after changing MPU settings, such as at the end of context switch. An ISB is
required if the code that programs the MPU region or regions is entered using a branch or
call. If the programming sequence is entered using a return from exception, or by taking an
exception, then you do not require an ISB.
Updating an MPU region using multi-word writes
You can program directly using multi-word writes, depending on how the information is
divided. Consider the following reprogramming:
; R1 = region number
; R2 = address
; R3 = size, attributes in one
LDR R0, =MPU_RNR
; 0xE000ED98, MPU region number register
STR R1, [R0, #0x0]
; Region Number
STR R2, [R0, #0x4]
; Region Base Address
STR R3, [R0, #0x8]
; Region Attribute, Size and Enable
Use an STM instruction to optimize this:
; R1 = region number
; R2 = address
; R3 = size, attributes in one
LDR R0, =MPU_RNR
; 0xE000ED98, MPU region number register
STM R0, {R1-R3}
; Region Number, address, attribute, size and enable
You can do this in two words for pre-packed information. This means that the RBAR
contains the required region number and had the VALID bit set to 1, see MPU region base
address register (MPU_RBAR) on page 114. Use this when the data is statically packed, for
example in a boot loader:
; R1 = address and region number in one
; R2 = size and attributes in one
LDR R0, =MPU_RBAR
; 0xE000ED9C, MPU Region Base register
STR R1, [R0, #0x0]
; Region base address and
; region number combined with VALID (bit 4) set to 1
STR R2, [R0, #0x4]
; Region Attribute, Size and Enable
Use an STM instruction to optimize this:
; R1 = address and region number in one
; R2 = size and attributes in one
LDR R0,=MPU_RBAR
; 0xE000ED9C, MPU Region Base register
STM R0, {R1-R2}
; Region base address, region number and VALID bit,
; and Region Attribute, Size and Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com