Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0214 Datasheet(PDF) 60 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 56Page - STMicroelectronics PM0214 Datasheet HTML 57Page - STMicroelectronics PM0214 Datasheet HTML 58Page - STMicroelectronics PM0214 Datasheet HTML 59Page - STMicroelectronics PM0214 Datasheet HTML 60Page - STMicroelectronics PM0214 Datasheet HTML 61Page - STMicroelectronics PM0214 Datasheet HTML 62Page - STMicroelectronics PM0214 Datasheet HTML 63Page - STMicroelectronics PM0214 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
60/245
DocID022708 Rev 4
Constant
You specify an operand2 constant in the form #constant, where constant can be:
•
Any constant that can be produced by shifting an 8-bit value left by any number of bits
within a 32-bit word.
•
Any constant of the form 0x00XY00XY
•
Any constant of the form 0xXY00XY00
•
Any constant of the form 0xXYXYXYXY
In the constants shown above, X and Y are hexadecimal digits.
In addition, in a small number of instructions, constant can take a wider range of values.
These are described in the individual instruction descriptions.
When an operand2 constant is used with the instructions MOVS, MVNS, ANDS, ORRS,
ORNS, EORS, BICS, TEQ or TST, the carry flag is updated to bit[31] of the constant, if the
constant is greater than 255 and can be produced by shifting an 8-bit value. These
instructions do not affect the carry flag if operand2 is any other constant.
Instruction substitution
Your assembler might be able to produce an equivalent instruction in cases where you
specify a constant that is not permitted. For example, an assembler might assemble the
instruction CMP Rd, #0xFFFFFFFE as the equivalent instruction CMN Rd, #0x2.
Register with optional shift
An operand2 register is specified in the form Rm {, shift}, where:
•
Rm is the register holding the data for the second operand
•
Shift is an optional shift to be applied to Rm. It can be one of:
ASR #n: Arithmetic shift right n bits, 1
≤n ≤32
LSL #n: Logical shift left n bits, 1
≤n ≤31
LSR #n: Logical shift right n bits, 1
≤n ≤32
ROR #n: Rotate right n bits, 1
≤n ≤31
RRX: Rotate right one bit, with extend
—: If omitted, no shift occurs, equivalent to LSL #0
If you omit the shift, or specify LSL #0, the instruction uses the value in Rm.
If you specify a shift, the shift is applied to the value in Rm, and the resulting 32-bit value is
used by the instruction. However, the contents in the register Rm remains unchanged.
Specifying a register with shift also updates the carry flag when used with certain
instructions. For information on the shift operations and how they affect the carry flag, see
Shift operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com