Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0214 Datasheet(PDF) 15 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 11Page - STMicroelectronics PM0214 Datasheet HTML 12Page - STMicroelectronics PM0214 Datasheet HTML 13Page - STMicroelectronics PM0214 Datasheet HTML 14Page - STMicroelectronics PM0214 Datasheet HTML 15Page - STMicroelectronics PM0214 Datasheet HTML 16Page - STMicroelectronics PM0214 Datasheet HTML 17Page - STMicroelectronics PM0214 Datasheet HTML 18Page - STMicroelectronics PM0214 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 245 page
background image
DocID022708 Rev 4
15/245
PM0214
About this document
244
1.3.4
Cortex-M4 core peripherals
The peripherals are:
Nested vectored interrupt controller
The nested vectored interrupt controller (NVIC) is an embedded interrupt controller that
supports low latency interrupt processing.
System control block
The system control block (SCB) is the programmers model interface to the processor. It
provides system implementation information and system control, including
configuration, control, and reporting of system exceptions.
System timer
The system timer, SysTick, is a 24-bit count-down timer. Use this as a Real Time
Operating System (RTOS) tick timer or as a simple counter.
Memory protection unit
The Memory protection unit (MPU) improves system reliability by defining the memory
attributes for different memory regions. It provides up to eight different regions, and an
optional predefined background region.
Floating-point unit
The Floating-point unit (FPU) provides IEEE754-compliant operations on single-
precision, 32-bit, floating-point values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com