| Electronic Components Datasheet Search |
|
PM0214 Datasheet(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0214 Datasheet(HTML) 43 Page - STMicroelectronics |
|
43 / 245 page ![]() DocID022708 Rev 4 43/245 PM0214 The Cortex-M4 processor 244 Exception return Exception return occurs when the processor is in Handler mode and executes one of the following instructions to load the EXC_RETURN value into the PC: • an LDM or POP instruction that loads the PC • an LDR instruction with PC as the destination • a BX instruction using any register. EXC_RETURN is the value loaded into the LR on exception entry. The exception mechanism relies on this value to detect when the processor has completed an exception handler. The lowest five bits of this value provide information on the return stack and processor mode. Table 18 shows the EXC_RETURN values with a description of the exception return behavior. All EXC_RETURN values have bits[31:5] set to one. When this value is loaded into the PC it indicates to the processor that the exception is complete, and the processor initiates the appropriate exception return sequence. 2.4 Fault handling Faults are a subset of the exceptions, see Exception model on page 36. The following generate a fault: • A bus error on: – An instruction fetch or vector table load – A data access • An internally-detected error such as an undefined instruction • Attempting to execute an instruction from a memory region marked as Non-Executable (XN). • A privilege violation or an attempt to access an unmanaged region causing an MPU fault. Table 18. Exception return behavior EXC_RETURN[31:0] Description 0xFFFFFFF1 Return to Handler mode, exception return uses non-floating-point state from the MSP and execution uses MSP after return. 0xFFFFFFF9 Return to Thread mode, exception return uses non-floating-point state from MSP and execution uses MSP after return. 0xFFFFFFFD Return to Thread mode, exception return uses non-floating-point state from the PSP and execution uses PSP after return. 0xFFFFFFE1 Return to Handler mode, exception return uses floating-point-state from MSP and execution uses MSP after return. 0xFFFFFFE9 Return to Thread mode, exception return uses floating-point state from MSP and execution uses MSP after return. 0xFFFFFFED Return to Thread mode, exception return uses floating-point state from PSP and execution uses PSP after return. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |