Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0214 Datasheet(PDF) 30 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 26Page - STMicroelectronics PM0214 Datasheet HTML 27Page - STMicroelectronics PM0214 Datasheet HTML 28Page - STMicroelectronics PM0214 Datasheet HTML 29Page - STMicroelectronics PM0214 Datasheet HTML 30Page - STMicroelectronics PM0214 Datasheet HTML 31Page - STMicroelectronics PM0214 Datasheet HTML 32Page - STMicroelectronics PM0214 Datasheet HTML 33Page - STMicroelectronics PM0214 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 245 page
background image
The Cortex-M4 processor
PM0214
30/245
DocID022708 Rev 4
2.2.4
Software ordering of memory accesses
The order of instructions in the program flow does not always guarantee the order of the
corresponding memory transactions. This is because:
The processor can reorder some memory accesses to improve efficiency, providing this
does not affect the behavior of the instruction sequence.
The processor has multiple bus interfaces
Memory or devices in the memory map have different wait states
Some memory accesses are buffered or speculative.
Section 2.2.2: Memory system ordering of memory accesses on page 28 describes the
cases where the memory system guarantees the order of memory accesses. Otherwise, if
the order of memory accesses is critical, software must include memory barrier instructions
to force that ordering. The processor provides the following memory barrier instructions:
Use memory barrier instructions in, for example:
Vector table. If the program changes an entry in the vector table, and then enables the
corresponding exception, use a DMB instruction between the operations. This ensures
that if the exception is taken immediately after being enabled the processor uses the
new exception vector.
Self-modifying code. If a program contains self-modifying code, use an ISB
instruction immediately after the code modification in the program. This ensures
subsequent instruction execution uses the updated program.
Memory map switching. If the system contains a memory map switching mechanism,
use a DSB instruction after switching the memory map in the program. This ensures
subsequent instruction execution uses the updated memory map.
Dynamic exception priority change. When an exception priority has to change when
the exception is pending or active, use DSB instructions after the change. This ensures
the change takes effect on completion of the DSB instruction.
Using a semaphore in multi-master system. If the system contains more than one
bus master, for example, if another processor is present in the system, each processor
must use a DMB instruction after any semaphore instructions, to ensure other bus
masters see the memory transactions in the order in which they were executed.
Memory accesses to Strongly-ordered memory, such as the system control block, do not
require the use of DMB instructions.
For MPU programming, use a DSB followed by an ISB instruction or exception return to
ensure that the new MPU configuration is used by subsequent instructions.
DMB
The Data Memory Barrier (DMB) instruction ensures that outstanding memory
transactions complete before subsequent memory transactions. See DMB on
page 172.
DSB
The Data Synchronization Barrier (DSB) instruction ensures that outstanding
memory transactions complete before subsequent instructions execute. See DSB
on page 172.
ISB
The Instruction Synchronization Barrier (ISB) ensures that the effect of all
completed memory transactions is recognizable by subsequent instructions. See
ISB on page 173.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com