Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0214 Datasheet(PDF) 46 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 42Page - STMicroelectronics PM0214 Datasheet HTML 43Page - STMicroelectronics PM0214 Datasheet HTML 44Page - STMicroelectronics PM0214 Datasheet HTML 45Page - STMicroelectronics PM0214 Datasheet HTML 46Page - STMicroelectronics PM0214 Datasheet HTML 47Page - STMicroelectronics PM0214 Datasheet HTML 48Page - STMicroelectronics PM0214 Datasheet HTML 49Page - STMicroelectronics PM0214 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 245 page
background image
The Cortex-M4 processor
PM0214
46/245
DocID022708 Rev 4
2.4.3
Fault status registers and fault address registers
The fault status registers indicate the cause of a fault. For bus faults and memory
management faults, the fault address register indicates the address accessed by the
operation that caused the fault, as shown in Table 20.
2.4.4
Lockup
The processor enters a lockup state if a hard fault occurs when executing the NMI or hard
fault handlers. When the processor is in lockup state it does not execute any instructions.
The processor remains in lockup state until either:
It is reset
An NMI occurs
It is halted by a debugger.
If lockup state occurs from the NMI handler a subsequent NMI does not cause the
processor to leave lockup state.
2.5
Power management
The STM32 and Cortex-M4 processor sleep modes reduce power consumption:
Sleep mode stops the processor clock. All other system and peripheral clocks may still
be running.
Deep sleep mode stops most of the STM32 system and peripheral clocks. At product
level, this corresponds to either the Stop or the Standby mode. For more details, please
refer to the “Power modes” Section in the STM32 reference manual.
The SLEEPDEEP bit of the SCR selects which sleep mode is used, see System control
register (SCR) on page 214. For more information about the behavior of the sleep modes
see the STM32 product reference manual.
This section describes the mechanisms for entering sleep mode, and the conditions for
waking up from sleep mode.
Table 20. Fault status and fault address registers
Handler
Status register
name
Address register
name
Register description
Hard fault
HFSR
-
Hard fault status register (HFSR) on page 225
Memory
management fault
MMFSR
MMFAR
Memory management fault address register
(MMFAR) on page 226
Bus fault
BFSR
BFAR
Bus fault address register (BFAR) on page 226
Usage fault
UFSR
-
Configurable fault status register (CFSR;
UFSR+BFSR+MMFSR) on page 221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com