Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0214 Datasheet(PDF) 29 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 25Page - STMicroelectronics PM0214 Datasheet HTML 26Page - STMicroelectronics PM0214 Datasheet HTML 27Page - STMicroelectronics PM0214 Datasheet HTML 28Page - STMicroelectronics PM0214 Datasheet HTML 29Page - STMicroelectronics PM0214 Datasheet HTML 30Page - STMicroelectronics PM0214 Datasheet HTML 31Page - STMicroelectronics PM0214 Datasheet HTML 32Page - STMicroelectronics PM0214 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 245 page
background image
DocID022708 Rev 4
29/245
PM0214
The Cortex-M4 processor
244
2.2.3
Behavior of memory accesses
The behavior of accesses to each region in the memory map is:
The Code, SRAM, and external RAM regions can hold programs. However, it is
recommended that programs always use the Code region. This is because the processor
has separate buses that enable instruction fetches and data accesses to occur
simultaneously.
The MPU can override the default memory access behavior described in this section. For
more information, see Memory protection unit (MPU) on page 178.
Instruction prefetch and branch prediction
The Cortex-M4 processor:
Prefetches instructions ahead of execution
Speculatively prefetches from branch target addresses.
Table 13. Memory access behavior
Address
range
Memory
region
Memory
type
XN
Description
0x00000000-
0x1FFFFFFF
Code
Normal(1)
1. See Memory regions, types and attributes on page 28 for more information.
-
Executable region for program code. Can also put
data here.
0x20000000-
0x3FFFFFFF
SRAM
Normal(1) -
Executable region for data. Can also put code
here.
This region includes bit band and bit band alias
areas, see Table 14 on page 31.
0x40000000-
0x5FFFFFFF
Peripheral
Device(1)
XN(1)
This region includes bit band and bit band alias
areas, see Table 15 on page 31.
0x60000000-
0x9FFFFFFF
External
RAM
Normal(1) -
Executable region for data.
0xA0000000-
0xDFFFFFFF
External
device
Device(1)
XN(1) External Device memory
0xED000000-
0xED0FFFFF
Private
Peripheral
Bus
Strongly-
ordered(1)
XN(1)
This region includes the NVIC, System timer, and
system control block.
0xED100000-
0xFFFFFFFF
Memory
mapped
peripherals
Device(1)
XN(1)
This region includes all the STM32 standard
peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com