Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0214 Datasheet(PDF) 37 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 33Page - STMicroelectronics PM0214 Datasheet HTML 34Page - STMicroelectronics PM0214 Datasheet HTML 35Page - STMicroelectronics PM0214 Datasheet HTML 36Page - STMicroelectronics PM0214 Datasheet HTML 37Page - STMicroelectronics PM0214 Datasheet HTML 38Page - STMicroelectronics PM0214 Datasheet HTML 39Page - STMicroelectronics PM0214 Datasheet HTML 40Page - STMicroelectronics PM0214 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 245 page
background image
DocID022708 Rev 4
37/245
PM0214
The Cortex-M4 processor
244
Bus fault
A bus fault is an exception that occurs because of a memory related
fault for an instruction or data memory transaction. This might be from
an error detected on a bus in the memory system.
Usage fault
A usage fault is an exception that occurs because of a fault related to
instruction execution. This includes:
An undefined instruction
An illegal unaligned access
Invalid state on instruction execution
An error on exception return.
The following can cause a usage fault when the core is configured to
report them:
An unaligned address on word and halfword memory access
Division by zero
SVCall
A supervisor call (SVC) is an exception that is triggered by the SVC
instruction. In an OS environment, applications can use SVC
instructions to access OS kernel functions and device drivers.
PendSV
PendSV is an interrupt-driven request for system-level service. In an
OS environment, use PendSV for context switching when no other
exception is active.
SysTick
A SysTick exception is an exception the system timer generates when
it reaches zero. Software can also generate a SysTick exception. In an
OS environment, the processor can use this exception as system tick.
Interrupt (IRQ)
A interrupt, or IRQ, is an exception signalled by a peripheral, or
generated by a software request. All interrupts are asynchronous to
instruction execution. In the system, peripherals use interrupts to
communicate with the processor.
Table 17. Properties of the different exception types
Exception
number(1)
IRQ
number(1)
Exception
type
Priority
Vector address
or offset(2)
Activation
1
-
Reset
-3, the highest
0x00000004
Asynchronous
2
-14
NMI
-2
0x00000008
Asynchronous
3
-13
Hard fault
-1
0x0000000C
-
4
-12
Memory
management fault
Configurable(3) 0x00000010
Synchronous
5
-11
Bus fault
Configurable(3) 0x00000014
Synchronous when precise
Asynchronous when imprecise
6
-10
Usage fault
Configurable(3) 0x00000018
Synchronous
7-10
-
-
-
Reserved
-
11
-5
SVCall
Configurable(3) 0x0000002C
Synchronous
12-13
-
-
-
Reserved
-
14
-2
PendSV
Configurable(3) 0x00000038
Asynchronous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com